Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA1101 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSA1101
Description  Low-Jitter Precision CMOS Oscillator for Automotive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1101 Datasheet(HTML) 1 Page - Microchip Technology

  DSA1101 Datasheet HTML 1Page - Microchip Technology DSA1101 Datasheet HTML 2Page - Microchip Technology DSA1101 Datasheet HTML 3Page - Microchip Technology DSA1101 Datasheet HTML 4Page - Microchip Technology DSA1101 Datasheet HTML 5Page - Microchip Technology DSA1101 Datasheet HTML 6Page - Microchip Technology DSA1101 Datasheet HTML 7Page - Microchip Technology DSA1101 Datasheet HTML 8Page - Microchip Technology DSA1101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2018 Microchip Technology Inc.
DS20005890B-page 1
DSA1101/21/05/25
Features
• Automotive AEC-Q100 Qualified
• Two Rise/Fall Time Options for EMI Reduction
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±20 ppm, ±25 ppm, ±50 ppm
• Wide Temperature Range:
- Automotive Grade 1: –40°C to +125°C
- Automotive Grade 2: –40°C to +105°C
- Automotive Grade 3: –40°C to +85°C
• High Supply Noise Rejection: –50 dBc
• Wide Freq. Range: 2.3 MHz to 170 MHz
• Small Industry Standard Footprints
- 2.5 mm x 2.0 mm
- 3.2 mm x 2.5 mm
- 5.0 mm x 3.2 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF than Quartz Oscillators
• Low Current Consumption
• Supply Range of 2.25 to 3.63V
• Standby and Output Enable Function
• Lead-Free and RoHS Compliant
Applications
• Automotive Infotainment
• Automotive ADAS
• Automotive Camera Module
• Automotive LIDAR and RADAR
Benefits
• Replace High Temperature Crystals and Quartz
Oscillators
General Description
The
DSA1101
and
DSA1121
series
of
high
performance oscillators utilize a proven silicon MEMS
technology to provide excellent jitter and stability over
a wide range of supply voltages and temperatures. By
eliminating the need for quartz or SAW technology,
MEMS oscillators significantly enhance reliability and
accelerate product development, while meeting
stringent clock performance criteria for a variety of
communications, storage, and networking applications.
DSA1101 has a standby feature that allows it to
completely power-down when EN pin is pulled low. For
DSA1121, only the outputs are disabled when EN is
low. Both oscillators are available in industry standard
packages, including the small 2.5 mm x 2.0 mm, and
are “drop-in” replacements for standard 4-pin and 6-pin
CMOS quartz crystal oscillators.
The DSA1105/25 is functionally equivalent to the
DSA1101/21, but it has lower drive strength for EMI
reduction.
Functional Block Diagram
Low-Jitter Precision CMOS Oscillator for Automotive


Similar Part No. - DSA1101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSA1103 MICROCHIP-DSA1103 Datasheet
598Kb / 28P
Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
DSA11030BA1TVA0 MICROCHIP-DSA11030BA1TVA0 Datasheet
598Kb / 28P
Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
DSA11030BA2TVA0 MICROCHIP-DSA11030BA2TVA0 Datasheet
598Kb / 28P
Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
DSA11030BA3TVA0 MICROCHIP-DSA11030BA3TVA0 Datasheet
598Kb / 28P
Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
DSA11030BI1TVA0 MICROCHIP-DSA11030BI1TVA0 Datasheet
598Kb / 28P
Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
More results

Similar Description - DSA1101

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
Low Jitter Precision LVDS Oscillator
logo
Golledge Electronics Lt...
MCSOF GOLLEDGE-MCSOF_16 Datasheet
147Kb / 1P
CMOS Oscillator Low Jitter
MCSO2F GOLLEDGE-MCSO2F_16 Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO1F GOLLEDGE-MCSO1F_16 Datasheet
143Kb / 1P
CMOS Oscillator Low Jitter
logo
Micrel Semiconductor
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSA1103 MICROCHIP-DSA1103 Datasheet
598Kb / 28P
Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
DSC1101 MICROCHIP-DSC1101 Datasheet
408Kb / 30P
Low-Jitter Precision CMOS Oscillator
2017
DSC1105 MICROCHIP-DSC1105 Datasheet
472Kb / 28P
Low EMI, Low-Jitter Precision CMOS Oscillator
10/25/17
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
Programmable Low-Jitter Precision CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com