Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1104 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC1104
Description  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1104 Datasheet(HTML) 1 Page - Microchip Technology

  DSC1104 Datasheet HTML 1Page - Microchip Technology DSC1104 Datasheet HTML 2Page - Microchip Technology DSC1104 Datasheet HTML 3Page - Microchip Technology DSC1104 Datasheet HTML 4Page - Microchip Technology DSC1104 Datasheet HTML 5Page - Microchip Technology DSC1104 Datasheet HTML 6Page - Microchip Technology DSC1104 Datasheet HTML 7Page - Microchip Technology DSC1104 Datasheet HTML 8Page - Microchip Technology DSC1104 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005870A-page 1
DSC1104/24
Features
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±10 ppm, ±20 ppm, ±25 ppm,
±50 ppm
• Wide Temperature Range
- Industrial: –40°C to +85°C
- Ext. Commercial: –20°C to +70°C
- Ext. Industrial: –40°C to +105°C
• High Supply Noise Rejection: –50 dBc
• Wide Frequency Range: 2.3 MHz to 460 MHz
• Small Industry Standard Footprints:
- 2.5 mm x 2.0 mm, 3.2 mm x 2.5 mm,
5.0 mm x 3.2 mm, and 7.0 mm x 5.0 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF than Quartz Oscillators
• Low Current Consumption
• Supply Range of 2.25V to 3.6V
• Standby and Output Enable Function
• Lead Free and RoHS Compliant
Applications
• Storage Area Networks
- SATA, SAS, Fibre Channel
• Passive Optical Networks
- EPON, 10G-EPON, GPON, 10G-PON
• Ethernet
- 1G, 10GBASE-T/KR/LR/SR, and FCoE
• HD/SD/SDI Video and Surveillance
• PCI Express: Gen 1 to Gen 4
• Display Port
General Description
The
DSC1104
and
DSC1124
series
of
high
performance oscillators utilizes a proven silicon MEMS
technology to provide excellent jitter and stability over
a wide range of supply voltages and temperatures. By
eliminating the need for quartz or SAW technology,
MEMS oscillators significantly enhance reliability and
accelerate product development, while meeting
stringent clock performance criteria for a variety of
communications, storage, and networking applications.
DSC1104 has a standby feature allowing it to
completely power down when EN pin is pulled low;
whereas for DSC1124, only the outputs are disabled
when EN is low. Both oscillators are available in
industry standard packages, including the small
2.5 mm x 2.0 mm, and are drop-in replacements for
standard 6-pin HCSL quartz crystal oscillators.
Block Diagram
TABLE 1:
OUTPUT ENABLE MODES
EN Pin
DSC1104
DSC1124
High
Outputs Active
Outputs Active
NC
Outputs Active
Outputs Active
Low
Standby
Outputs Disabled
TEMP SENSOR &
COMPENSATION
CIRCUITRY
MEMS
OSCILLATOR
PLL
DIVIDER
DRIVER
Pin 1
ENABLE
Pin 2
NC
Pin 3
GND
Pin 6
V
DD
Pin 5
OUTPUT
Pin 4
OUTPUT
Low Jitter Precision HCSL Oscillator


Similar Part No. - DSC1104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1104 MICREL-DSC1104 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
logo
Microchip Technology
DSC1104 MICROCHIP-DSC1104 Datasheet
1Mb / 28P
Low Jitter Precision HCSL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC1104AE1 MICREL-DSC1104AE1 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
logo
Microchip Technology
DSC1104AE1-053.5000 MICROCHIP-DSC1104AE1-053.5000 Datasheet
1Mb / 28P
Low Jitter Precision HCSL Oscillator
05/14/19
DSC1104AE1-053.5000T MICROCHIP-DSC1104AE1-053.5000T Datasheet
1Mb / 28P
Low Jitter Precision HCSL Oscillator
05/14/19
More results

Similar Description - DSC1104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
Low-Jitter Configurable Dual HCSL Oscillator
DSC1104 MICREL-DSC1104 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
Low-Jitter Configurable HCSL Oscillator
DSC8004 MICREL-DSC8004 Datasheet
687Kb / 6P
Programmable Low-Jitter Precision HCSL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2142 MICREL-DSC2142 Datasheet
674Kb / 6P
Low-Jitter I2C/SPI Programmable HCSL-LVPECL Oscillator
DSC2143 MICREL-DSC2143 Datasheet
568Kb / 6P
Low-Jitter I2C/SPI Programmable HCSL-LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com