Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA1101BA1T Datasheet(PDF) 21 Page - Microchip Technology

Part # DSA1101BA1T
Description  Low-Jitter Precision CMOS Oscillator for Automotive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1101BA1T Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSA1101BA1T Datasheet HTML 16Page - Microchip Technology DSA1101BA1T Datasheet HTML 17Page - Microchip Technology DSA1101BA1T Datasheet HTML 18Page - Microchip Technology DSA1101BA1T Datasheet HTML 19Page - Microchip Technology DSA1101BA1T Datasheet HTML 20Page - Microchip Technology DSA1101BA1T Datasheet HTML 21Page - Microchip Technology DSA1101BA1T Datasheet HTML 22Page - Microchip Technology DSA1101BA1T Datasheet HTML 23Page - Microchip Technology DSA1101BA1T Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2018 Microchip Technology Inc.
DS20005890B-page 21
DSA1101/21/05/25
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) DSA1101CL3-030.0000VAO:
Low-Power Precision
CMOS Oscillator for
Automotive with
Standby, 6-LD 3.2X2.5
VDFN, Grade 2
Temperature Range,
±20 ppm, 30 MHz
Output Frequency, 110/
Tube, Automotive Suffix
b) DSA1121DI1-075.0000TVAO:
Low-Power Precision
CMOS Oscillator for
Automotive with
Standby, 6-LD 2.5x2.0
VDFN, Grade 3
Temperature Range,
±50 ppm, 75 MHz
Output Frequency,
1,000/Reel, Automotive
Suffix
c) DSA1105BL2-027.0000VAO:
Low-Power Precision
CMOS Oscillator for
Automotive, 6-LD
5.0x3.2 CDFN, Grade 2
Temperature Range,
±25 ppm, 27 MHz
Output Frequency, 110/
Tube, Automotive Suffix
d) DSA1125CA3-033.0000TVAO: Low-Power Precision
CMOS Oscillator for
Automotive, 6-LD
3.2x2.5 VDFN, Grade 1
Temperature Range,
±20 ppm, 33 MHz
Output Frequency,
1000/Reel, Automotive
Suffix
PART NO.
X
X
Packing
Stability
Device
Device:
DSA1101/21: Low-Power Precision CMOS Oscillator for
Automotive with Standby
DSA1105/25: Low-Power Precision CMOS Oscillator for
Automotive
Package:
B
=
6-Lead 5.0 mm x 3.2 mm CDFN
C
=
6-Lead 3.2 mm x 2.5 mm VDFN
D
=
6-Lead 2.5 mm x 2.0 mm VDFN
Temperature Range:
I
=
–40
C to +85C (Grade 3)
L
=
–40
C to +105C (Grade 2)
A
=
–40
C to +125C (Grade 1)
Stability:
1
=
±50 ppm
2=
±25 ppm
3=
±20 ppm
Frequency:
xxx.xxxx
= 2.3 MHz to 170 MHz (user-defined)
Packing Option:
<blank> =
110/Tube
T
=
1,000/Reel
Automotive Suffix:
Vxx =
Automotive Suffix in which “xx” is assigned by
Microchip
X
Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
X
Temp.
Range
-XXX.XXXX
Frequency
Please use the Microchip Clockworks to check AEC-Q100 compliance status and build
the exact part number.
Option
VXX
Automotive
Suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com