Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB14Q Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB14Q
Description  Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB14Q Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB14Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB14Q Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8760
02/01/05
Pin Description
Pin Name
Description
IAN, IBN
Data Inputs
S0-1
Select Inputs
EN
Enable
YA to YB
Data Outputs
GND
Ground
VCC
Power
Truth Table(1)
Enable
Select
EN
S1
S0
Y
Function
H
X
X
Hi-Z
Disable
L
L
L
I0
S1-0 = 0
L
L
H
I1
S1-0 = 1
L
H
L
I2
S1-0 = 2
L
H
H
I3
S1-0 = 3
Notes:
1. H=High Voltage Level; L=Low Voltage Level
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (300MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable
• Industrial operating temperature: -40ºC to +85ºC
• 2KV ESD Protection (human body model)
• Latch-up performance >250mA per JESD17
• Packaging (Pb-free & Green available):
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 173-mil wide plastic TSSOP (L)
– 20-contact TQFN (ZH)
Low Voltage, High Bandwidth, USB 2.0,
4:1 Mux/DeMux with Single Enable
Description
The PI3USB14 is a 2-channel, 4:1 Multiplexer/Demultiplexer with
3-state outputs. The switch introduces no additional ground bounce
noise or propagation delay.
The PI3USB14 device is very useful in switching USB 2.0 signals
and others that have high bandwidth (300MHz).
PI3USB14
Block Diagram
IA0
EN
S0
S1
IA1 IA2 IA3 IB0 IB1 IB2 IB3
YA
YB
Pin Configuration
Notes:
1. N.C. = No internal connection
1
2
3
4
5
16
6
15
7
14
8
13
12
11
10
9
EN
S1
IA3
IA2
IA1
IA0
YA
GND
VCC
N.C.
S0
IB3
IB2
IB1
IB0
YB
N.C.
N.C.
S0
IB3
IB2
IB1
IB0
YB
EN
S1
IA3
IA2
IA1
IA0
YA
N.C.
19�
18
17
16
15
14
13
12
1
20
10
11
2
3
4
5
6
7
8
9


Similar Part No. - PI3USB14Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB14-A PERICOM-PI3USB14-A Datasheet
686Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14-ALE PERICOM-PI3USB14-ALE Datasheet
686Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14-AQE PERICOM-PI3USB14-AQE Datasheet
686Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14-AZHE PERICOM-PI3USB14-AZHE Datasheet
686Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
More results

Similar Description - PI3USB14Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
2 channel 4:1 Mux/DeMux with Single Enable
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB14-A PERICOM-PI3USB14-A Datasheet
686Kb / 9P
Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com