Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3123 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3123
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3123 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM3123 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3123 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOPWAY
LCD Module User Manual
LM3123
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3123-Manual-Rev0.3.doc
Page: 4 of 9
1.4
Terminal Functions
Pin
No.
Pin
Name
I/O
Descriptions
1
VSS
Power
Negative Power Supply, Ground (0V)
2
VDD
Power
Positive Power Supply
3
V0
Input
LCD Contrast Reference
4
VOUT Power
LCD Booster Output for V0
5
/RES
Input
Reset Signal
Resetting: rising edge and falling edge of /RES
Normal Running: /RES=High
6
DB7
:
13
DB0
I/O
Bi-directional Data Bus for display data or instruction data
14
R/W
Input
Read / Write Control Signal
15
A0
Input
A0 = H; DB0 – DB7 = Display Data
A0 = L; DB0 – DB7 = Instruction Data
16
E1
Input
Enable Signal for left section of the LCD module
17
E2
Input
Enable Signal for middle section of the LCD module
18
E3
Input
Enable Signal for right section of the LCD module
19
NC
-
No Connection
20
NC
-
No Connection
Note:
*1.
Display or instruction data could write into the LCD module’s driver/controllers individually or at the same time.
*2.
Only read display or instruction data form one of the driver/controller in the LCD module at a time, otherwise
unexpected data collision will occur.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com