Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6038 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6038
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6038 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6038 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6038 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOPWAY
LCD Module User Manual
LM6038
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6038-Manual-Rev0.2.DOC
Page: 4 of 14
2. Terminal Functions
Descriptions
PIN
NO.
PIN
Name
I/O
8-bit parallel
8080 mode
8-bit parallel
6800 mode
Serial mode
1
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
2
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
3
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
4
/WR
(R/W)
Input
/WR=L H, /RD=H;
Data or Instruction
latch into the LCD
module
5
/RD
(E)
Input
/WR=H, /RD=L;
Data or Status read
form the LCD module
R/W=H,E=H;
Data or Status read
from the LCD module
R/W=L,E=H L;
Data or Status latch
into the LCD module
Not used,
Leave open or pull
Hi
6
D0
I/O
:
:
I/O
11
D5
I/O
Not used,
Leave open
12
D6(SCL)
I/O
Serial clock input
13
D7(SI)
I/O
8-bit Data bus;
Three state I/O terminal for display data or
instruction data
when /CS=H,
D0~D7=High Impedance
Serial data input
14
VDD
Supply
Positive power supply
15
VSS
Supply
Negative power supply,0V
16
VOUT
Power
Power Booster Circuit output
17
C3P
Power
Power Booster Circuit C3 terminals
18
C1N
Power
19
C1P
Power
Power Booster Circuit C1 terminals
20
C2P
Power
21
C2N
Power
Power Booster Circuit C2 terminals
22
C4P
Power
Power Booster Circuit C4 terminal
23
V4
Power
:
:
:
27
V0
Power
LCD driving voltage supply terminals
28
VR
Input
Power Booster Resistor ratio reference input
29
C86
Input
C86=Low
C86=High
C86=Low
30
P/S
Input
P/S=High
P/S=High
P/S=Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com