Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6038D Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6038D
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6038D Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6038D Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6038D Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOPWAY
LCD Module User Manual
LM6038D
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6038D-Manual-Rev0.2.DOC
Page: 4 of 14
1.4
Terminal Functions
PIN NO
Descriptions
K1. K2 K4,K5
PIN
Name
I/O
8-bit parallel
8080 mode
8-bit parallel
6800 mode
Serial mode
1
1
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
2
2
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
3
3
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
4
-
/WR
(R/W)
Input
/WR=L H,
/RD=H;
Data or Instruction
latch into the LCD
module
5
-
/RD
(E)
Input
/WR=H, /RD=L;
Data or Status
read form the LCD
module
R/W=H,E=H;
Data or Status read
from
the
LCD
module
R/W=L,E=H L;
Data or Status latch
into the LCD module
Not used,
Leave open or pull
Hi
6
-
D0
I/O
:
-
:
I/O
11
-
D5
I/O
Not used,
Leave open
12
4
D6(SCL)
I/O
Serial clock input
13
5
D7(SI)
I/O
8-bit Data bus;
Three state I/O terminal for display data or
instruction data
when /CS=H,
D0~D7=High Impedance
Serial data input
14
6
VDD
Supply Positive power supply
15
7
VSS
Supply Negative power supply,0V
16
8
BLA
Supply Positive power for LED backlight
1.5
Jumper Functions
JP1
JP2
JP3
JP4
Interface Mode
CLOSE
OPEN
CLOSE
OPEN
6800 Mode
OPEN
CLOSE
CLOSE
OPEN
8080 Mode
OPEN
CLOSE
OPEN
CLOSE
Serial Mode (default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com