Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6060BBC Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6060BBC
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6060BBC Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6060BBC Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6060BBC Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LM6060BBC
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6060BBC-Manual-Rev0.2.DOC
Page: 4 of 11
1.4
Terminal Functions
PIN NO
PIN Name
I/O
Descriptions
1
5V
2
5V
3
5V
Power
Power Supply for Backlight (5V)
4
GND
Power
Ground (0V)
5
D0
6
D1
IO
Data bus: D0, D1
7
GND
Power
Ground (0V)
8
D2
9
D3
IO
Data bus: D2, D3
10
GND
Power
Ground (0V)
11
D4
12
D5
IO
Data bus: D4, D5
13
GND
Power
Ground (0V)
14
D6
15
D7
IO
Data bus: D6, D7
16
GND
Power
Ground (0V)
17
/RD
Input
/WR=H, /RD=L;
Data or Status read form the LCD module
18
/WR
Input
/WR=L H, RD=H;
Data or Instruction latch into the LCD module
19
GND
Power
Ground (0V)
20
RS
Input
Register Select
RS = H, Transferring the Display Data
RS = L, Transferring the Control Data
21
/CS_LCD
Input
Chip Select
/CS_LCD=L, enable access to the LCD interface
/CS_LCD=H, disable access to the LCD interface
22
GND
Power
Ground (0V)
23
/CS_LED
Input
/CS_LED=L H
LED Data latch into the LED Circuit
24
/CS_KEY
Input
/CS_KEY=L
Key status appear on the Data bus
25
GND
Power
Ground (0V)
26
NC
-
No Connection
27
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
28
GND
Power
Ground (0V)
29
3.3V
30
3.3V
Power
Power Supply (3.3V)
31
LED_BL
Input
LED_BL=L, backlight Off
LED_BL=H, backlight On
32
GND
Power
Ground (0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com