Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1824 Datasheet(PDF) 40 Page - Microchip Technology

Part # EMC1824
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1824 Datasheet(HTML) 40 Page - Microchip Technology

Back Button EMC1824 Datasheet HTML 36Page - Microchip Technology EMC1824 Datasheet HTML 37Page - Microchip Technology EMC1824 Datasheet HTML 38Page - Microchip Technology EMC1824 Datasheet HTML 39Page - Microchip Technology EMC1824 Datasheet HTML 40Page - Microchip Technology EMC1824 Datasheet HTML 41Page - Microchip Technology EMC1824 Datasheet HTML 42Page - Microchip Technology EMC1824 Datasheet HTML 43Page - Microchip Technology EMC1824 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
...........continued
Offset
Name
Bit Pos.
0x6B
HOTTEST DIODE
LOW BYTE
7:0
HDLB[2:0]
0x6C
HOTTEST STATUS
7:0
E4HOT
E3HOT
E2HOT
E1HOT
IHOT
0x6D
HOTTEST CONFIG
7:0
REMHOT
E4ENB
E3ENB
E2ENB
E1ENB
IENB
0x6E
...
0xFC
Reserved
0xFD
PRODUCT ID
7:0
PRODUCT_ID[7:0]
0xFE
MANUFACTURER
ID
7:0
MCHP_ID[7:0]
0xFF
REVISION
7:0
REV[7:0]
8.11
Data Read Interlock
When any temperature channel high byte register is read, the corresponding low byte is copied into an
internal ‘shadow’ register. The user is free to read the low byte at any time and be ensured that it
corresponds to the previously read high byte. Regardless if the low byte is read or not, reading from the
same high byte register again automatically refreshes this stored low byte data.
Multi-Channel Low Voltage Temp Sens...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com