Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM293
Description  LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM293 Datasheet(HTML) 2 Page - Texas Instruments

  LM293 Datasheet HTML 1Page - Texas Instruments LM293 Datasheet HTML 2Page - Texas Instruments LM293 Datasheet HTML 3Page - Texas Instruments LM293 Datasheet HTML 4Page - Texas Instruments LM293 Datasheet HTML 5Page - Texas Instruments LM293 Datasheet HTML 6Page - Texas Instruments LM293 Datasheet HTML 7Page - Texas Instruments LM293 Datasheet HTML 8Page - Texas Instruments LM293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V, LM393B, LM2903B
SLCS005AA – OCTOBER 1979 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V LM393B LM2903B
Submit Documentation Feedback
Copyright © 1979–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: LM193 ..................................... 6
6.5
Thermal Information: LM293, LM393, LM2903 (all 'V'
and 'A' suffixes).......................................................... 6
6.6
Thermal Information: LM393B and LM2903B ........... 6
6.7
Electrical Characteristics LM393B ............................ 7
6.8
Electrical Characteristics LM2903B .......................... 8
6.9
Switching Characteristics LM393B and LM2903B .... 8
6.10
Electrical Characteristics for LM193, LM293, and
LM393 (without A suffix) ............................................ 9
6.11
Electrical Characteristics for LM293A and
LM393A.................................................................... 10
6.12
Electrical Characteristics for LM2903, LM2903V,
and LM2903AV ........................................................ 11
6.13
Switching Characteristics (all devices).................. 11
6.14
Typical Characteristics .......................................... 12
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 14
8.1
Application Information............................................ 14
8.2
Typical Application ................................................. 14
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 17
10.1
Layout Guidelines ................................................. 17
10.2
Layout Example .................................................... 17
11
Device and Documentation Support ................. 18
11.1
Related Links ........................................................ 18
11.2
Receiving Notification of Documentation Updates 18
11.3
Community Resources.......................................... 18
11.4
Trademarks ........................................................... 18
11.5
Electrostatic Discharge Caution ............................ 18
11.6
Glossary ................................................................ 18
12
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision Z (October 2017) to Revision AA
Page
•
Added "B" devices with various text changes throughout datasheet. .................................................................................... 1
•
Deleted from Device Information old LM193 CDIP and LCCC package references and drawings. These are on the
LM139-MIL datasheet............................................................................................................................................................. 1
•
Added LM393 WSON package ............................................................................................................................................. 1
•
Added "B" devices Thermal Information table. ....................................................................................................................... 6
•
Added "B" device electrical tables .......................................................................................................................................... 7
Changes from Revision Y (June 2015) to Revision Z
Page
•
Changed data sheet title ........................................................................................................................................................ 1
•
Added LM2903 part numbers ................................................................................................................................................ 1
•
Added LM2903 part numbers ................................................................................................................................................. 1
•
Changed VCC and ground pin function from: input to: – ....................................................................................................... 4
•
Changed 25C to -25C due to typo in LM293 Temperature Tablenote .................................................................................. 9
•
Remove text "four comparators" from I,,CC,, ....................................................................................................................... 10
•
Changed 25C to -25C due to typo in LM293 Temperature Tablenote ................................................................................ 10
•
Changed input error in Feature Description text ................................................................................................................. 13
•
Changed Design Paramter maximum current from: 20 mA to: 4 mA................................................................................... 14
•
Changed and revised text in Response Time section .......................................................................................................... 15
•
Added Receiving Notification of Documentation Updates section ....................................................................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com