Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC75XXSC Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC75XXSC
Description  100mA Low Power LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC75XXSC Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC75XXSC Datasheet HTML 1Page - First Silicon Co., Ltd FC75XXSC Datasheet HTML 2Page - First Silicon Co., Ltd FC75XXSC Datasheet HTML 3Page - First Silicon Co., Ltd FC75XXSC Datasheet HTML 4Page - First Silicon Co., Ltd FC75XXSC Datasheet HTML 5Page - First Silicon Co., Ltd FC75XXSC Datasheet HTML 6Page - First Silicon Co., Ltd FC75XXSC Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2018. 04. 27
2/7
Revision No : 1
FC75XXSA/SC
Block Diagram
VIN
VOUT
R0
R1
VREF
GND
Abosolute Maximum Rating
Parameter
Symbol
Range
Unit
Supply Voltage
VDD
-0.3 ~ +24
V
Power Consumption
SOT-89
PC1
250
mW
SOT-25
PC2
150
mW
Storage Temperature
TSTG
-50 ~ +125
°
C
Operating Temperature
TOPR
-40 ~ +85
°
C
Note: These are stress ratings only. Stresses exceeding the range specified under“Absolute Maximum Ratings”
may cause substantial damage to the device. Functional operation of this device at other conditions beyond
those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device
reliability.
Electrical Characteristics
FC7515 ,
+1.5V output type
Ta=25 ºC
Parameter
Symbol
Testing Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
Output Voltage Tolerance
VOUT
3.5V IOUT=10mA
1.455
1.500
1.545
V
Output Current
IOUT
3.5V -
60
100
-
mA
Load Regulation
Δ
VOUT
3.5V 1mA ≤IOUT ≤50mA
-
60
150
mV
Voltage Drop
VDIF
-
IOUT=1mA
-
100
-
mV
Current Consumption
ISS
3.5V No Load
-
3.5
7
μ
A
Line Regulation
-
2.5V≤VIN≤24V,IOUT=1mA
-
0.2
-
%/V
Input Voltage
VIN
-
-
-
-
24
V
Temperature Coefficient
3.5V
0≤TA≤70ºC,IOUT=10mA
-
±0.45
-
mV/
ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com