Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR411 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR411
Description  Schottky barrier diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR411 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR411 Datasheet HTML 1Page - First Silicon Co., Ltd FDR411 Datasheet HTML 2Page - First Silicon Co., Ltd FDR411 Datasheet HTML 3Page - First Silicon Co., Ltd FDR411 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2013. 06. 07
2/4
FDR411
Revision No : 0
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
VF DISPERSION MAP
0.1
1
10
100
1000
0
100
200
300
400
500
1
10
100
0
10
20
30
f=1MHz
15
16
17
18
19
20
21
22
23
24
25
AVE:18.35pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
5
10
15
20
AVE:5.70A
8.3ms
Ifsm
1cyc
0
5
10
15
20
25
30
Ta=25℃
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
AVE:6.20ns
0
5
10
1
1
0
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
15
0.1
1
10
100
1000
t
Ifsm
1
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
0
2
4
6
8
10
12
14
16
18
20
Ta=25℃
VR=10V
n=30pcs
AVE:4.67uA
380
390
400
410
420
430
AVE:402.4mV
Ta=25℃
IF=500mA
n=30pcs
200
210
220
230
240
250
Ta=25℃
IF=10mA
n=30pcs
AVE:218.0mV
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
0.1
1
10
100
1000
10000
0
10
20
30
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃
Electrical characteristic curves (Ta = 25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com