Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR425 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR425
Description  Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR425 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR425 Datasheet HTML 1Page - First Silicon Co., Ltd FDR425 Datasheet HTML 2Page - First Silicon Co., Ltd FDR425 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2011. 12. 06
2/3
FDR425
Revision No : 0
Electrical characteristic curves (Ta = 25°C)
0
1
100m
10m
1m
100µ
10µ
0.1
0.2
0.3
0.4
0.5
0.6
0.7
pulse measurement
Typ.
FORWARD VOLTAGE : VF (V)
Fig. 1 Forward characteristics
0
5
10
15
20
25
30
35
0.1µ
1µ
100µ
10µ
1m
10m
pulse measurement
Typ.
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
75°C
25°C
Ta=125°C
0
5
10
15
20
25
0.1
1
10
100
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (°C)
Fig. 4 Derating curve
(mounting on glass epoxy PCBs)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com