Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD8872 Datasheet(PDF) 13 Page - NEC

Part # UPD8872
Description  (5400 5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8872 Datasheet(HTML) 13 Page - NEC

Back Button UPD8872 Datasheet HTML 9Page - NEC UPD8872 Datasheet HTML 10Page - NEC UPD8872 Datasheet HTML 11Page - NEC UPD8872 Datasheet HTML 12Page - NEC UPD8872 Datasheet HTML 13Page - NEC UPD8872 Datasheet HTML 14Page - NEC UPD8872 Datasheet HTML 15Page - NEC UPD8872 Datasheet HTML 16Page - NEC UPD8872 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet S15330EJ3V0DS
13
µ PD8872
φ 1, φ 2 cross points
φ 1, φ 2L cross points
φ 2, φ 1L cross points
Remark Adjust cross points (
φ 1, φ 2), (φ 1, φ 2L) and (φ 2, φ 1L) with input resistance of each pin.
1
φ
2
φ
1.0 V to 4.0 V
1.0 V to 4.0 V
1
φ
2L
φ
2.0 V or more
0.5 V or more
2
φ
1L
φ
2.0 V or more
0.5 V or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com