Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6063KCW Datasheet(PDF) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6063KCW
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6063KCW Datasheet(HTML) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6063KCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM6063KCW Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TOPWAY
LCD Module User Manual
LM6063KCW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6063KCW-Manual-Rev0.1
Page: 12 of 13
4.5 Display Commands (continue)
No.
Instructions
Code
Function
18
Electronic volume mode set 0
1 0 1
0 0 0 0 0 0 1 Set reference voltage mode
Electronic volume register
set
0
1 0
*
*
Electronic
Control value
Set reference voltage register
(Display contrast value)
19
Sleep Mode Set
0
1 0 1
0 1 0 1 1 0 S Sleep Mode (2 byte command)
S=0, sleep mode
S=1, normal mode
0
1 0 0
0 0 0 0 0 0 0
20
Booster Ratio Set
0
1 0 1
1 1 1 1 0 0 0 Booster Ratio (2 byte command)
Ratio=00, 2x, 3x, 4x
Ratio=01, 5x
Ratio=11, 6x
0
1 0 0
0 0 0 0 0
Rati
o
21
NOP
0
1 0 1
1 1 0 0 0 1 1 Non-operation command
Note:
*1. Do not use any other command not listed, or the system malfunction may result.
*2. For the details of the Display Commands, please refer to ST7565R data sheet.
4.5.1 Power off the LCD Module
It recommends that enter Sleep Mode before power off the LCD module.
4.5.2 Refreshing The LCD Module
It recommends that the operating modes and display contents be refreshed periodically to prevent
the effect of unexpected noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com