Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6069DFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6069DFW
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6069DFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6069DFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6069DFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TOPWAY
LCD Module User Manual
LM6069DFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6069DFW-Manual-Rev0.2
Page: 4 of 12
2. Terminal Functions
Descriptions
PIN
NO.
PIN
Name
I/O
8-bit parallel
8080 mode
8-bit parallel
6800 mode
Serial mode
1
VSS
Supply
Negative power supply,0V
2
VDD
Supply
Positive power supply
3
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
4
/RESET
Input
Reset signal
/RESET = L, Initialization is executed
/RESET = H, Normal running.
5
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
6
/WR(R/W)
Input
/WR=L H, /RD=H;
Data or Instruction
latch into the LCD
module
7
/RD(E)
Input
/WR=H, /RD=L;
Data or Status read
form the LCD module
R/W=H,E=H;
Data or Status read
from the LCD module
R/W=L,E=H L;
Data or Status latch
into the LCD module
Not used,
Leave open or pull
Hi
8
DB0
I/O
:
:
I/O
13
DB5
I/O
DB5-DB0 connect to
VDD
14
DB6(SCL):
I/O
Serial clock input
15
DB7(SI)
I/O
8-bit Data bus;
Three state I/O terminal for display data or
instruction data
when /CS1=H,
DB0~DB7=High Impedance
Serial data input
16
BLA
Power
Backlight Positive Supply
Interface setting:
Setting
8080 mode(Default)
6800 mode
SPI mode
JP1
OPEN
CLOSE
OPEN
JP2
CLOSE
OPEN
OPEN
JP3
CLOSE
CLOSE
OPEN
JP4
OPEN
OPEN
CLOSE
JP7~JP14
OPEN
OPEN
CLOSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com