Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC1001 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSC1001
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001 Datasheet(HTML) 4 Page - Microchip Technology

  DSC1001 Datasheet HTML 1Page - Microchip Technology DSC1001 Datasheet HTML 2Page - Microchip Technology DSC1001 Datasheet HTML 3Page - Microchip Technology DSC1001 Datasheet HTML 4Page - Microchip Technology DSC1001 Datasheet HTML 5Page - Microchip Technology DSC1001 Datasheet HTML 6Page - Microchip Technology DSC1001 Datasheet HTML 7Page - Microchip Technology DSC1001 Datasheet HTML 8Page - Microchip Technology DSC1001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DSC1001/3/4
DS20005529B-page 4
 2017 Microchip Technology Inc.
Output Transition Rise
Time
tR
1.4
3.0
ns
DSC1001, CL =
15 pF
T = +25°C,
20% to 80%
1.5
3.0
DSC1003, CL =
25 pF
1.8
3.0
DSC1004, C2 =
40 pF
Output Transition Fall
Time
tF
1.0
3.0
ns
DSC1001, CL =
15 pF
T = +25°C,
20% to 80%
1.1
3.0
DSC1003, CL =
25 pF
1.2
3.0
DSC1004, C2 =
40 pF
Jitter, Max.
Cycle-to-Cycle
JCC
60
ps
f = 100 MHz (Note 2)
Period Jitter
JP
10
15
psRMS f = 100 MHz (Note 2)
VDD = 2.5V
Supply Current, No Load
IDD
6.0
6.4
mA
1 MHz
CL = 0 pF,
RL = ∞,
T = +25°C
6.7
7.5
27 MHz
7.7
9.4
70 MHz
9.6
13.9
150 MHz
Output Logic Level High
VOH
0.9 x VDD
V
–6 mA, DSC1004, CL = 40 pF
0.8 x VDD
–6 mA, DSC1003, CL = 25 pF
0.8 x VDD
–4 mA, DSC1001, CL = 15 pF
Output Logic Level Low
VOL
0.1 x VDD
V
6 mA, DSC1004, CL = 40 pF
0.2 x VDD
6 mA, DSC1003, CL = 25 pF
0.2 x VDD
4 mA, DSC1001, CL = 15 pF
Output Transition Rise
Time
tR
1.0
2.0
ns
DSC1001, CL =
15 pF
T = +25°C,
20% to 80%
1.1
2.0
DSC1003, CL =
25 pF
1.2
2.0
DSC1004, C2 =
40 pF
Output Transition Fall
Time
tF
0.9
2.0
ns
DSC1001, CL =
15 pF
T = +25°C,
20% to 80%
1.0
2.0
DSC1003, CL =
25 pF
1.1
2.0
DSC1004, C2 =
40 pF
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
VDD = 1.8 to 3.3V; TA = +85°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
tSU is time to stable output frequency after VDD is applied. tSU and tEN (after EN is asserted) are identical
values.
2:
Measured over 50k clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com