Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C1616 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS6C1616
Description  16M Bits LOW POWER CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C1616 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS6C1616 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C1616 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AS6C1616-55TINL
Rev. 1.0
16M Bits LOW POWER CMOS SRAM
Alliance Memory, Inc.
1
FEATURES
 Fast access time : 55ns
 Low power consumption:
Operating current : 45mA (TYP.)
Standby current : 4
A (TYP.) SL-version
 Single 2.7V ~ 3.6V power supply
 All inputs and outputs TTL compatible
 Fully static operation
 Tri-state output
 Data byte control :
LB# controlled DQ0 ~ DQ7
UB# controlled DQ8 ~ DQ15
 Data retention voltage : 1.2V (MIN.)
 Green package available
 Package : 48-pin 12mm x 20mm TSOP-I
GENERAL DESCRIPTION
The AS6C1616 is a 16,777,216-bit low power
CMOS static random access memory organized as
1,048,576 words by 16 bits. It is fabricated using
very high performance, high reliability CMOS
technology. Its standby current is stable within the
range of operating temperature.
The AS6C1616 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The AS6C1616 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperatur
e
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
AS6C1616(I)
-40 ~ 85℃
2.7 ~ 3.6V
55ns
4µA(SL)
45mA
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A19
Address Inputs(word mode)
A-1 - A19
Address Inputs(byte mode)
DQ0
– DQ15 Data Inputs/Outputs
CE#, CE2
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC
Power Supply
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com