Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E1B Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # E1B
Description  Super Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

E1B Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  E1B Datasheet HTML 1Page - First Silicon Co., Ltd E1B Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012 08 30
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
E1A ~ E1J
Super Fast Recovery Rectifier Diode
■ Features
■ Outline Dimensions
●
Io
1.0A
●
VRRM
50V~600V
●
Glass passivated chip
●
High surge forward current capability
■ Applications
●
For general power supply
single-phase rectifier
■ Limiting Values(Absolute Maximum Rating)
Item
Symbol Unit
Conditions
E1
A
B
D
F
G
J
Repetitive Peak Reverse
Voltage
VRRM
V
50
100
200
300
400
600
Average Rectified Output
Current
IO
A
60Hz One-way half-wave, R-load,Ta=75℃
1.0
Surge(Non-repeti ive)
Forward Current
IFSM
A
60HZ sine wave, 1 cycle, Tj=25℃
30
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
■ Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
E1
A
B
D
F
G
J
Peak Forward Voltage
VFM
V
IFM=1.0A
1.0
1.3
1.7
Maximum reverse recovery
ime
t
rr
ns
IF=0.5A,IR=1.0A,IRR
5
3
A
5
2
.
0
=
Peak Reverse Current
IRRM
μA
VRM=VRRM , Ta=25℃
5
Thermal Resistance
RθJ-L
℃/W
Between junction and lead
20
Dimensions in inches and (millimeters)
SOD-123FL
.047(1.20)
.039(1.00)
.010(0.25)
.004(0.10)
.043(1.10)
.035(0.90)
.075(1.90)
.063(1.60)
.002(0.05)
.001(0.02)


Similar Part No. - E1B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
E1B YEASHIN-E1B Datasheet
365Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Kwang Myoung I.S. CO.,L...
E1B KISEMICONDUCTOR-E1B Datasheet
5Mb / 2P
GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jing Heng Electro...
E1B JINGHENG-E1B Datasheet
69Kb / 2P
GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
E1B DYELEC-E1B Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
logo
Yangzhou yangjie electr...
E1B YANGJIE-E1B Datasheet
110Kb / 2P
Super Fast Recovery Rectifier Diode
More results

Similar Description - E1B

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
Super Fast Recovery Rectifier Diode
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
Super Fast Recovery Rectifier Diode
ES5A YANGJIE-ES5A Datasheet
233Kb / 4P
Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com