Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62083AP Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FD62083AP
Description  8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62083AP Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FD62083AP Datasheet HTML 1Page - First Silicon Co., Ltd FD62083AP Datasheet HTML 2Page - First Silicon Co., Ltd FD62083AP Datasheet HTML 3Page - First Silicon Co., Ltd FD62083AP Datasheet HTML 4Page - First Silicon Co., Ltd FD62083AP Datasheet HTML 5Page - First Silicon Co., Ltd FD62083AP Datasheet HTML 6Page - First Silicon Co., Ltd FD62083AP Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
100
OUT
DUTY CYCLE (%)
I
- DUTY CYCLE
0
20
40
60
80
100
300
400
0
INPUT VOLTAGE V
(V)
IN
IN
IN
I
- V
MIN
TYP
MAX
4
5
0
3
2
INPUT VOLTAGE V
(V)
IN
IN
IN
I
- V
I
- V
OUT
CE(sat)
CE(sat)
COLLECTOR-EMITTER SATURATION VOLTAGE
0.5
1.0
600
0
2.0
1.5
400
200
100
150
0
50
0
AMBIENT TEMPERATURE Ta ( C)
D
P - Ta
V
(V)
200
8 Circuits Active
1
2
3
FD62083
FD62084
7
3
0
5
1
2
9
MAX
TYP
MIN
11
500
Ta=25 C
Ta=85 C
0 5
1.0
1 5
Type-AP Free Air
Type-AF Free Air
1
2
1
2
2007. 5. 20
7/7
FD62083AP/AF FD62084AP/AF
Revision No : 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com