Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD62783AP Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FD62783AP
Description  8 ch High-Voltage Source Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FD62783AP Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FD62783AP Datasheet HTML 1Page - First Silicon Co., Ltd FD62783AP Datasheet HTML 2Page - First Silicon Co., Ltd FD62783AP Datasheet HTML 3Page - First Silicon Co., Ltd FD62783AP Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2012. 01. 02
2/4
FD62783AP/AF
Revision No : 0
Absolute Maximum Ratings (Ta = 25 C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
50
V
Output current
IOUT
−
500
mA/ch
Input voltage
VIN
15
V
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
500
mA
7
4
.
1
P
A
Power dissipation
AF
PD (Note)
0.96
W
Operating temperature
Topr
−
40 to 85
C
Storage temperature
Tstg
−
55 to 150
C
Note: Derated above 25 C in the proportion of 11.7 mW/ C (AP type), 7.7 mW/ C (AF type)
Operating Ranges (Ta = 40 to 85 C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
−
−
−
50
V
Duty = 10% 8 circuits
−
−
-260
Duty = 50% 8 circuits
-59
Duty = 10% 8 circuits
-180
Output current
AF
IOUT
Ta = 85 C,
Tj = 120 C,
tpw = 25 ms
Duty = 50% 8 circuits
-38
mA/ch
Input voltage
VIN
−
12
V
Output ON
V N (ON)
−
2.0
5.0
15
Input voltage
Output OFF
VIN (OFF)
−
0
−
0.8
V
Clamp diode reverse voltage
VR
−
50
V
Clamp diode forward current
IF
−
400
mA
AP
−
0.52
Power dissipation
AF
PD
−
0.35
W
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
Electrical Characteristics (Ta 25 C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output leakage current
ICEX
1
VCC = VCCmax VIN = 0.4 V
Ta = 25 C
−
−
100
µ
A
VIN = VIN (ON),
IOUT = −350 mA
−
−
2.0
VIN = VIN (ON),
IOUT = −225 mA
−
−
1.9
Output saturation voltage
VCE (sat)
2
VIN = VIN (ON),
IOUT = −100 mA
−
−
1.8
V
VIN = 2.4 V
−
36
52
Input current
IIN (ON)
3
VIN = 3.85 V
−
180
260
µ
A
VIN (ON)
VCE = 2.0 V, IOUT = −350  mA
−
−
2.0
Input voltage
VIN (OFF)
4
IOUT = −500 µA
0.8
−
−
V
Supply current
ICC (ON)
3
VIN = VIN (ON), VCC = 50 V
−
−
2.5
mA/ch
Clamp diode reverse current
IR
5
VR = 50 V
−
−
50
µ
A
Clamp diode forward voltage
VF
6
IF = 350 mA
−
−
2.0
V
Turn-ON delay
tON
7
VCC = VCC max RL = 125 Ω
CL = 15 pF
−
0.15
−
µ
s
Turn-OFF delay
tOFF
7
VCC = VCC max RL = 125 Ω
CL = 15 pF
−
1.8
−
µ
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com