Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS99U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS99U
Description  Dual Serise Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS99U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS99U Datasheet HTML 1Page - First Silicon Co., Ltd FDS99U Datasheet HTML 2Page - First Silicon Co., Ltd FDS99U Datasheet HTML 3Page - First Silicon Co., Ltd FDS99U Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL CHARACTERISTICS
ti
n
U
x
a
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
P
n
o
it
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
200
mW
FR–5 Board, (Note 1.) TA= 25°C
C
°
/
W
m
6
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
R
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θJA
625
°C/W
P
n
o
it
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate, (Note 2.) TA= 25°C
C
°
/
W
m
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
R
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θJA
417
°C/W
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
J
,Tstg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Each Diode)
ti
n
U
x
a
M
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(I(BR) = 100 µA)
V(BR)
70
––
Vdc
Reverse Voltage Leakage Current
(VR
I
)
c
d
V
0
7
=
R
––
2.5
µAdc
(VR = 25 Vdc, TJ
0
3
–
–
)
C
°
0
5
1
=
(VR = 70 Vdc, TJ
0
5
–
–
)
C
°
0
5
1
=
C
e
c
n
a
ti
c
a
p
a
C
e
d
o
i
D
D
––
1.5
pF
(VR = 0, f = 1.0 MHz)
Forward Voltage
(IF = 1.0 mAdc)
VF
––
715
mVdc
(IF
5
5
8
–
–
)
c
d
A
m
0
1
=
(IF
0
0
0
1
–
–
)
c
d
A
m
0
5
=
(IF
0
5
2
1
–
–
)
c
d
A
m
0
5
1
=
Reverse Recovery Time
RL = 100 Ω
trr
––
6.0
ns
(IF=IR=10 mAdc, iR(REC)=1.0mAdc) (Figure 1)
Forward Recovery Voltage (IF = 10 mA, t r
V
)
s
n
0
2
=
FR
––
1.75
V
1. FR–5 = 1.0
× 0.75 × 0.062 in.
2. Alumina = 0.4
× 0.3 × 0.024 in. 99.5% alumina.
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (I
F ) of 10mA.
2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
+10 V
2.0 k
820 Ω
100 µH
0.1µF
D.U.T.
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
t
r
50 Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUT SIGNAL
I
F
V
R
2008. 11. 3
2/4
Revision No : 0
FDS99U / RU



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com