Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR01F40 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR01F40
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 0.1A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR01F40 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR01F40 Datasheet HTML 1Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 2Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 3Page - First Silicon Co., Ltd FDR01F40 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2014. 04. 03
2/4
Revision No : 0
FDR01F20~FDR01F40
Ratings and Characteristic Curves(Ta = 25℃ unless otherwise noted )
TJ = 25
Pulse width = 300µs
1% Duty Cycle
1.0
0.1
0.01
0.001
10
Fig 1. Typical Instantaneous Forward
Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
Instantaneous Forward Voltage (V)
TJ = 25℃
Pulse width = 300µs
1% Duty Cycle
Fig 2. Typical Reverse Characteristics
0
20
40
60
80
100
10000
1000
100
10
1.0
Percent of Rated Peak Reverse Voltage (%)
Tj=100℃
Tj=25℃
Fig 3. Typical Junction Capacitance
0
5
10 15 20 25
30 35
20
10
0
Tj = 25℃
f = 1.0 MHz
Vsig =
Reverse Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com