Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS160F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS160F
Description  Switchingdiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS160F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS160F Datasheet HTML 1Page - First Silicon Co., Ltd FDS160F Datasheet HTML 2Page - First Silicon Co., Ltd FDS160F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2012. 1. 28
2/3
FDS160F
Revision No : 0
1
100m
10m
1m
100µ
10µ
0
02
0.4
06
08
10
1.2
1.4
FORWARD VOLTAGE : VF (V)
Fig.1 Forward characteristics
10
5
2
1
05
02
0.1
ELECTRICAL CHARACTERISTIC CURVES
(Ta = 25°C)
1m
0.1m
10µ
1µ
100n
10n
1n
0
20
40
60
80
100
120
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between terminals
REVERSE VOLTAGE : VR (V)
Fig.2 Reverse characteristics
0
2
4
6
8
10
12
14
3
2
1
0
0.1
1
10
100
1000
10,000
FORWARD CURRENT : I F (mA)
Fig.4 Reverse recovery time characteristics
100
50
20
10
5
2
1
0
10
20
30
PULSE WIDTH : TW (ms)
Fig.5 Surge current characteristics
PULSEGENERATOR
OUTPUT50Ω
SAMPLING
OSCILLOSCOPE
50Ω
Fig.6 Reverse recovery time (trr)
measurement circuit
5kΩ
0.01µF
D.U.T.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com