Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA7033AF Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FA7033AF
Description  VOLTAGE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA7033AF Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FA7033AF Datasheet HTML 1Page - First Silicon Co., Ltd FA7033AF Datasheet HTML 2Page - First Silicon Co., Ltd FA7033AF Datasheet HTML 3Page - First Silicon Co., Ltd FA7033AF Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detecting Voltage
VS
1
RL=200Ω
V ≤0.4V
OL
FA7021A/AF/AS
FA7023A/AF/AS
FA7025A/AF/AS
FA7027A/AF/AS
FA7029A/AF/AS
FA7031A/AF/AS
FA7033A/AF/AS
FA7036A/AF/AS
FA7037A/AF/AS
FA7039A/AF/AS
FA7042A/AF/AS
FA7045A/AF/AS
1.95
2.15
2.35
2.55
2.75
2.95
3.15
3.45
3.55
3.75
4.05
4.35
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.6
3.7
3.9
4.2
4.5
2.25
2.45
2.65
2.85
3.05
3.25
3.45
3.75
3.85
4.05
4.35
4.65
V
Low-Level Output Voltage
VOL
1
RL=200Ω
-
-
0.4
V
Output Leakage Current
IOH
1
VCC=15V
-
-
0.1
μA
Hysteresis Voltage
ΔVs
1
RL=200Ω
30
50
100
mV
Detecting Voltage
Temperature Coefficient
Vs/ΔT
1
RL=200Ω
-
±
0.01
-
%/℃
Circuit Current at on Time
IccL
1
VCC=Vsmin.-0.05V
-
300
500
μA
Circuit Current at off Time
IccH
1
VCC=5.25V
-
30
50
μA
Threshold Operating Voltage
Vopr
1
RL=200Ω , VOL 0.4V
-
0.8
-
V
"L" Transmission Delay Time
tpHL
2
RL=1.0kΩ , CL=100pF
-
10
-
μS
"H" Transmission Delay Time
tpLH
2
RL=1.0kΩ , CL=100pF
-
15
-
μS
Output Current at on Time I
IoL I
1
VCC=Vsmin.-0.05V, Tc=25℃
20
-
-
mA
2019. 06. 19
2/4
FA7019A/AF/AS ~ FA7045A/AF/AS
Revision No : 4
<
≠
FA7034A/AF/AS
FA7035A/AF/AS
3.25
3.35
3.4
3.5
3.55
3.65
FA7019A/AF/AS
1.75
1.9
2.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com