Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCL8115 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCL8115
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCL8115 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCL8115 Datasheet HTML 1Page - Unisonic Technologies UTCL8115 Datasheet HTML 2Page - Unisonic Technologies UTCL8115 Datasheet HTML 3Page - Unisonic Technologies UTCL8115 Datasheet HTML 4Page - Unisonic Technologies UTCL8115 Datasheet HTML 5Page - Unisonic Technologies UTCL8115 Datasheet HTML 6Page - Unisonic Technologies UTCL8115 Datasheet HTML 7Page - Unisonic Technologies UTCL8115 Datasheet HTML 8Page - Unisonic Technologies UTCL8115 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UTC L8115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R123-005,B
PIN CONFIGURATION
SSOP-16(150mil)
2
5
6
7
8
4
3
1
16
15
14
13
12
11
10
9
GND
D12
G1
G2
C NB1
C NB2
C SUB
L B
D3
V CC
G3
L OV
H B
F IN
V POL
R CAL
SSOP-20(150mil)
12
11
20
19
18
17
16
15
14
13
9
10
2
1
5
6
7
8
4
3
GN D
D1
G1
D2
G2
N/C
C NB 1
C NB 2
C SUB
L B
D3
V CC
G3
L OV
H B
F OUT
C RE C
F IN
VPO L
R CAL
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
-0.6 ~ 12
V
Supply Current
Icc
100
mA
Input Voltage
VIN
25 Continuous
V
Drain Current (per FET)(set by RCAL)
ID
0 ~ 15
mA
500
mW
Power Dissipation(Ta=25℃)
SSOP-16(150mil)
SSOP-20(150mil)
PD
500
mW
Operating Temperature
Topr
-40 ~ 80
℃
Storage Temperature
Tstg
-50 ~ 85
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com