Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF3FA/012-HT Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF3FA/012-HT
Description  SUBMINIATURE HIGH POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3FA/012-HT Datasheet(HTML) 3 Page - Hongfa Technology

  HF3FA/012-HT Datasheet HTML 1Page - Hongfa Technology HF3FA/012-HT Datasheet HTML 2Page - Hongfa Technology HF3FA/012-HT Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-2+9+-;/93:;3- -<9=/:
Ecm]f[cg_l
Tb_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs4 S__ ni ,T_lgchifias [h^ Hoc^_fch_m, `il gil_ ch`ilg[ncih4 Sj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_4
W_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih4 Tbom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih4 J` nb_l_ cm [hs ko_ls2 jf_[m_ ]ihn[]n Iiha`[ `il nb_ n_]bhc][f m_lpc]_4 Iiq_p_l2 cn cm nb_ om_lxm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs4
u Xc[g_h Iiha`[ Ff_]nli[]iomnc] Di42 Ln^4 Bff lcabnm i` Iiha`[ [l_ l_m_lp_^4
7=6
866
966
6
;
76
;
76
766
;6
FNEURBNDF DURVF
Dihn[]n Doll_hn /B0
;ENO CKJDGOGKJN*
NO@ R_mcmncp_ fi[^2 8;6VBD2Gfor jlii`_^2
7m ih ?m i``
DO@R_mcmncp_ fi[^2 8;6VBD2Gfor jlii`_^2
9m ih 9m i``
766
76
8
;6
76
:66
7;
MBXJMUM SWJTDIJNH POWFR
Dihn[]n Vifn[a_ /V0
BD/NO0
DOJL TFMPFRBTURF RJSF
P_l]_hn[a_ i` Nigch[f Dicf Vifn[a_
T_mn ]ih^cncihm@ [n 76; 2 76B
Miohncha ^cmn[h]_@ 76gg
86
96
:6
;6
<6
=6
>6
>6
6
?6
766
776
786
796
DO
NO



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com