Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA1103 Datasheet(PDF) 2 Page - Microchip Technology

Part # DSA1103
Description  Low-Jitter Precision LVDS Oscillator for Automotive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1103 Datasheet(HTML) 2 Page - Microchip Technology

  DSA1103 Datasheet HTML 1Page - Microchip Technology DSA1103 Datasheet HTML 2Page - Microchip Technology DSA1103 Datasheet HTML 3Page - Microchip Technology DSA1103 Datasheet HTML 4Page - Microchip Technology DSA1103 Datasheet HTML 5Page - Microchip Technology DSA1103 Datasheet HTML 6Page - Microchip Technology DSA1103 Datasheet HTML 7Page - Microchip Technology DSA1103 Datasheet HTML 8Page - Microchip Technology DSA1103 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DSA1103/23
DS20005891A-page 2
 2019 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, VIN .............................................................................................................................. –0.3V to VDD +0.3V
Supply Voltage ......................................................................................................................................... –0.3V to + 4.0V
ESD Protection (HBM) ...............................................................................................................................................4 kV
ESD Protection (MM) ............................................................................................................................................... 400V
ESD Protection (CDM) ............................................................................................................................................1.5 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.25
—
3.6
V
—
Supply Current
IDD
—
—
0.095
mA
DSA1103, EN pin low. Output is
disabled and device is in
standby
—
20
22
DSA1123, EN pin low, output is
disabled
Frequency Stability
Δf
—
—
±10
ppm
Grade 2 and Grade 3 only
—
—
±20
Includes frequency
variations due to initial
tolerance, temp. and
power supply voltage.
—
—
±25
—
—
±50
Aging - First year
ΔfY1
—
—
±5
ppm
One year @ 25°C
Aging - After first year
ΔfY2
—
—
<±1
ppm/yr Year two and beyond at +25°C
Startup Time (Note 2)
tSU
—
—
5
ms
T = +25°C
Input Logic Levels
VIH
0.75 x VDD
—
—
V
Input logic high
VIL
—
—
0.25 x VDD
V
Input logic low
Output Disable Time (Note 3)
tDS
—
—
5
ns
—
Output Enable Time
tEN
—
—
5
ms
DSA1103
20
ns
DSA1123
Enable Pull-Up Resistor
(Note 4)
—
—
40
—
kΩ
Internally pulled-up
LVDS Output
Supply Current
IDD
—
29
32
mA
Output enabled, RL = 100Ω
Output Offset Voltage
VOS
1.125
—
1.4
V
R = 100Ω differential
Delta Offset Voltage
ΔVOS
—
—
50
mV
—
Peak-to-Peak Output Swing
VPP
—
350
—
mV
Single-ended
Output Logic Level High
VOH
0.9 x VDD
—
—
V
I = ±6 mA
Output Logic Level Low
VOL
—
—
0.1 x VDD
V
Output Transition Rise Time
(Note 3)
tR
—
200
—
ps
20% to 80%, RL = 50Ω,
CL = 2 pF
Output Transition Fall Time
(Note 3)
tF
—
—
Frequency
fO
2.3
—
460
MHz
–40°C to +85°C
3.3
—
460
–40°C to +105°C
and –40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com