Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM13232ACW Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM13232ACW
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM13232ACW Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM13232ACW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM13232ACW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TOPWAY
LCD Module User Manual
LM13232ACW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM13232ACW-Manual-Rev0.1.DOC
Page: 6 of 11
3.3 AC Characteristics
3.3.1 6800 Mode System Bus Timing
VSS=0V, VDD=3.0V, TOP=25
°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
System cycle time
tcyc6
500
-
-
ns
Address setup time (A0)
taw6
10
-
-
ns
Address hold time (A0)
tah6
10
-
-
ns
Enable LOW pulse width (Read)
tewlr
275
-
-
ns
Enable LOW pulse width (W rite)
tewlw
275
-
-
ns
Enable HIGH pulse width (Read)
tewhr
225
-
-
ns
Enable HIGH pulse width (Write)
tewhw
225
-
-
ns
Data setup time
tds6
50
-
-
ns
Data hold time
tdh6
10
-
-
ns
Read access time (*2)
tacc6
-
-
175
ns
Output disable time (*2)
tch6
13
-
125
ns
Note:
*1. Input signal rise/fall time should be less than 15ns .
*2. CL=100pF
*3.All timing is using 20% and 80% of VDD as the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com