Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM13232AFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM13232AFW
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM13232AFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM13232AFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM13232AFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LM13232AFW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM13232AFW-Manual-Rev0.3.DOC
Page: 4 of 11
1.4 Terminal Functions
Descriptions
Pin
No.
PIN
Name
I/O
Parallel mode (Default)
Serial mode
1
VSS
Power
Negative power supply,0V
2
VDD
Power
Positive power supply
3
NC
-
No Connection, leave open
4
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
5
R/W
Input
Read write control
R/W=H; data or status read
R/W=L; data or command write
Not used, pull high or low
6
E
Input
Enable trigger
Not used, pull high or low
7
D0
:
:
12
D5
I/O
Not used, leave open or pull high
13
D6
(SCLK)
I/O
(Input)
Serial Clock Input
14
D7
(SID)
I/O
(Input)
Bi-directional data bus
Serial Data Input
15
BLA
Power
Positive power for LED backlight
16
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
17
P/S
Input
Interface selection:
P/S=H; 8 bit parallel bus mode
Interface selection:
P/S=L; serial mode
18
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running
Note:
It is write only, in serial mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com