Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JMB321 Datasheet(PDF) 1 Page - JMicron Technology Corporation

Part # JMB321
Description  Port Multiplier Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMICRON [JMicron Technology Corporation]
Direct Link  http://www.jmicron.com/index.html
Logo JMICRON - JMicron Technology Corporation

JMB321 Datasheet(HTML) 1 Page - JMicron Technology Corporation

  JMB321 Datasheet HTML 1Page - JMicron Technology Corporation JMB321 Datasheet HTML 2Page - JMicron Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JMicron/JMB321
Copyright © 2009 JMicron Inc. All rights reserved.
Product Brief
Page 1
2009/01/11
JMB321 Port Multiplier Chip
Overview
JMicron JMB321 is a single chip. It integrated six independent SATA channels and a micro-processor.
With proper setting, the chip can be configured as an 1 to 5-ports Serial ATA II Port Multiplier or a 5 to
1-port Serial ATA II Port Selector.
JMB321 contains 15 GPIOs which can be configured as various standard interfaces. It also has the
capability to load external firmware code to extend its functionality.
Compliance
Compliant with Serial ATA II Port Multiplier
Spec. Revision 1.2
Compliant with Serial ATA II Port Selector Spec.
Revision 1.0
Compliant with Serial ATA II PHY Electrical
Spec. Revision 1.0
Compliant
with
Serial
ATA
High
Speed
Serialized AT Attachment Spec. Revision 2.5
General
Integrated 6-port SATA II PHY
Integrated PLL for SATA II interface
Total six independent SATA channel
Integrated uP, PROM and SRAM for
firmware programming
Fabricated in 0.13um CMOS Standard
Logic Process
1.3V core and 3.3V I/O power supply
Available in 64-pin QFN
SATA
Supports
6-port
3.0Gbps
SATA
II
interface
Supports SATA II Gen2i and Gen2m
(External SATA Connection, eSATA)
Output swing control and automatic
impedance calibration for SATA II PHY
Supports asynchronous signal recovery
Supports spread spectrum clocking
Supports partial / slumber power saving
mode
Automatically speed negotiation for 3
Gbps or 1.5 Gbps
Supports BIST and loopback mode
Supports staggered spin-up
Supports 48-bit LBA addressing
Supports ATAPI drives
Supports Native Command Queue (NCQ)
Supports Hot-Plug
Supports Asynchronous Notification
Supports PM aware and non-PM aware
host
GPIO
Supports 15 GPIOs
Supports I2C interface
Supports ISA interface
Supports SPI interface
Supports firmware extension
Functional Description
JMB321 is a highly integrated single chip. It integrates six high-speed Serial I/O’s, three SATA upper
layers, a microprocessor, SRAM, PROM, a highly efficient data bus and other control logic into the chip.
JMB321 can work as an 1 to 5-ports Port Multiplier or 5 to 1-port Port Selector using internal embedded


Similar Part No. - JMB321

ManufacturerPart #DatasheetDescription
logo
JMicron Technology Corp...
JMB390 JMICRON-JMB390 Datasheet
247Kb / 3P
RAID Port Multiplier Chip
JMB393 JMICRON-JMB393 Datasheet
302Kb / 3P
Port Multiplier Chip
JMB394 JMICRON-JMB394 Datasheet
232Kb / 3P
RAID Port Multiplier Chip
More results

Similar Description - JMB321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88SM4140 ETC1-88SM4140 Datasheet
117Kb / 2P
1:4 Port Multiplier Solution
logo
Silicon image
SII3726 SILICONIMAGE-SII3726 Datasheet
356Kb / 41P
SATA Port Multiplier
logo
Exar Corporation
XRS10L140 EXAR-XRS10L140 Datasheet
426Kb / 36P
SERIAL ATA II: PORT MULTIPLIER
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
logo
JMicron Technology Corp...
JMB393 JMICRON-JMB393 Datasheet
302Kb / 3P
Port Multiplier Chip
JMB390 JMICRON-JMB390 Datasheet
247Kb / 3P
RAID Port Multiplier Chip
JMB394 JMICRON-JMB394 Datasheet
232Kb / 3P
RAID Port Multiplier Chip
JMB572 JMICRON-JMB572 Datasheet
215Kb / 2P
Port Multiplier Chip
JMB575 JMICRON-JMB575 Datasheet
224Kb / 2P
Port Multiplier Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com