Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB2268APAV Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # OB2268APAV
Description  Current Mode PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

OB2268APAV Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  OB2268APAV Datasheet HTML 1Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 2Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 3Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 4Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 5Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 6Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 7Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 8Page - Lite-On Technology Corporation OB2268APAV Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©On-Bright Electronics
Confidential
A Liteon Semiconductor Company
- 5 -
V2.1
OB2268
OB2269
Current Mode PWM Controller
ESD INFORMATION
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
HBM
Note
Human Body Model
MIL-STD
2
KV
MM
Machine Model on
All Pins
JEDEC-STD
250
V
Note: HBM all pins pass 2KV except VIN pin. The details are VIN passes 1kV, VDD and GATE pass 2KV, all other I/Os pass 8KV. In
system application, VIN pin is either a high impedance input or left floating. The lower rating has minimum impacts on system ESD
performance.
ELECTRICAL CHARACTERISTICS
(TA = 25
OC if not otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD, VIN)
I_VDD_Startup
VDD Start up
Current
VDD =15V, RI=100K
Measure current into VDD
4
20
uA
I_VDD_Operation
Operation Current
VDD=18V, RI=100Kohm,
VFB=3V, Gate floats
2.3
mA
UVLO(ON)
VDD Under
Voltage Lockout
Enter
9.5
10.5
11.5
V
UVLO(OFF)
VDD Under
Voltage Lockout
Exit (Recovery)
15.5
16.5
17.5
V
OVP(ON)
*Optional
VDD Over Voltage
Protection Enter
23.5
25
26.5
V
OVP(OFF)
*Optional
VDD Over Voltage
Protection Exit
(Recovery)
21.5
23
24.5
V
OVP_Hysteresis
OVP(ON)-
OVP(OFF)
2
V
TD_OVP
VDD OVP
Debounce time
80
uSec
VDD_Clamp
VDD Zener Clamp
Voltage
I(VDD ) = 10 mA
35
V
Feedback Input Section(FB Pin)
VFB_Open
VFB Open Loop
Voltage
6.0
V
IFB_Short
FB pin short circuit
current
Short FB pin to GND and
measure current
0.65
mA
VTH_BM
Burst Mode FB
Threshold Voltage
1.8
V
VTH_PL
Power Limiting FB
Threshold Voltage
4.4
V
TD_PL
Power limiting
Debounce Time
80
mSec
ZFB_IN
Input Impedance
9.0
Kohm
Current Sense Input(Sense Pin)
T_blanking
Leading edge
blanking time
RI = 100Kohm
400
ns
ZSENSE_IN
Input Impedance
40
Kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com