Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM7690-R20A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OVM7690-R20A
Description  640 x 480 CameraCube??device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM7690-R20A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OVM7690-R20A Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM7690-R20A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4275 Burton Drive
Santa Clara, CA 95054
tel: +1 408 567 3000
fax: +1 408 567 3001
www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any
product or service without further notice.OmniVision, the OmniVision logo and
OmniPixel are registered trademarks of OmniVision Technologies, Inc. CameraCube is
a trademark of OmniVision Technologies, Inc. All other trademarks are the property of
their respective owners.
version 1.0, September 2010
column
sample/hold
image sensor core
OVM7690
lens
image sensor
processor
image output
interface
PLL
control register bank
SCCB
slave
interface
timing generator
and system control logic
image
array
gain
control
AMP
10-bit
A/D
DATA[7:0]
OVM7690_DS_1_2
Functional Block Diagram
Product Specifications
Product Features
OVM7690
active array size:
640 x 480
power supply:
– analog: 2.6 ~ 3.0V
– I/O: 1.7 ~ 3.0V
temperature range:
– operating: -30°C to 70°C
– stable image: 0°C to 50°C
output formats (8-bit):
YUV 422 / YCbCr422, RGB565,
CCIR656, raw RGB data
input clock frequency:
6 ~ 27 MHz
diagonal field of view (FOV): 64°
f no.: 3.0
ordering information
Mobile Phones
Notebook and Webcam
Security and Surveillance
Automotive imaging
Medical Imaging
640 x 480 pixel resolution
64° FOV (diagonal), F/3.0 lens
automatic image control functions:
– automatic exposure control (AEC)
– automatic white balance (AWB)
– automatic black level calibration
(ABLC)
ultra low power and low cost
standard serial SCCB interface
image quality controls: color
saturation, hue, gamma, sharpness
(edge enhancement), lens correction,
defective pixel canceling, and noise
canceling
focal length: 1.15 mm
shutter: rolling shutter
maximum image transfer rate:
– VGA (640x480): 30 fps for VGA
– QVGA (320x240): 60 fps for QVGA
S/N ratio: 38 dB
dynamic range: 66 dB
sensitivity: 960 mV/lux-sec
pixel size: 1.75 μm x 1.75 μm
image area: 1148 μm x 861 μm
package dimensions (not including
ball height):
2517 μm x 2967 μm x 2470 μm
support for images sizes: VGA,
scaling CIF and sub-sampling QVGA
and scaling QCIF
support for output formats: RAW
RGB, RGB565, CCIR656 and
YCbCr422
digital video port (DVP) parallel
output interface
programmable I/O drive capability
built-in 1.5V regulator for sensor
core power
industry’s smallest profile:
(2.5 x 2.9 x 2.5)
Applications
OVM7690-R20A
(color, lead-free, 20-pin CameraCube device)
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com