Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG8C80F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TMG8C80F
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TMG8C80F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TMG8C80F Datasheet HTML 1Page - Inchange Semiconductor Company Limited TMG8C80F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Triacs
TMG8C80F
FEATURES
·
With TO-220F package
·
Glass passivated triacs in a plastic envelope, for use in
Applications requiring high bidirectional transient and
blocking voltage capability and high thermal cycling
performance.Typical applications include motor
control, industrial and
domestic lighting,heating
and static switching.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak off-state voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)
@TC=89℃
8
A
ITSM
Non-repetitive peak on-state current
One cycle, Peak value non-repetitive
50Hz
80
A
60HZ
88
PGM
Peak gate power dissipation
5
W
PG(AV)
Average gate power dissipation
0.5
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM, Tj=125℃
2
mA
IDRM
Repetitive peak off-state current
VD=VDRM, Tj=125℃
2
mA
VTM
On-state voltage
ITM= 12A Inst. measurement
1.4
V
IGT
Gate trigger current
Ⅰ
VD=6V; RL=10Ω
30
mA
Ⅱ
30
Ⅲ
30
VGT
On-state voltage
Ⅰ
VD=6V; RL=10Ω
1.5
V
Ⅱ
1.5
Ⅲ
1.5
IH
Holding current
15
mA
Rth(j-c)
Thermal resistance
Junction to case
3.7
℃
/W


Similar Part No. - TMG8C80F

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG8C80F SANREX-TMG8C80F Datasheet
472Kb / 2P
TRIAC(Through Hole/Isolated)
More results

Similar Description - TMG8C80F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com