Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSR
Description  Disconnectable Insulation displacement connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSR Datasheet HTML 1Page - List of Unclassifed Manufacturers SSR Datasheet HTML 2Page - List of Unclassifed Manufacturers SSR Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
308
Features ––––––––––––––––––––––––
• Ultra-compact
1.0mm (.039") pitch and only 2.0mm (.079") high and 4.5mm
(.177") thick.
• Twin U-slot insulation displacement section
The insulation displacement section connected to each wire
consists of two tin-plated slots (twin U-slots), which ensures
reliable connection.
• 3-Point grip construction
The 3-point insulation grip feature and the strain relief ensure a
firm grip on terminated wires and protection of the insulation
displacement connection from possible damage.
• Header designed for vacuum pick and place
robotics
Although this shrouded header has locking features for its
mating receptacle, there are no holes in the header shroud
that would adversely effect vacuum gripping equipment. Since
there is enough flat surface for secure vacuum gripping, this
miniature surface mount connector is versatile for designers
and economic for manufacturing.
Specifications –––––––––––––––––––
• Current rating:
0.5A AC, DC
• Voltage rating:
50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/20m
Ω max.
After environmental testing/40m
Ω max.
• Insulation resistance:
100M
Ω min.
• Withstanding voltage:
500V AC/minute
• Applicable wire: AWG #32
Conductor/7 stands,
tin-coated annealed copper
Insulation O.D./0.52 to 0.56mm (.020" to .022")
* Contact JST if Lead-Free product is required.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
SSR CONNECTOR
Disconnectable Insulation displacement connectors
1.0mm
(.039") pitch
IDC
Emboss Tape


Similar Part No. - SSR

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SSR TEC-SSR Datasheet
474Kb / 2P
Zero voltage and random voltage turn-on versions
logo
FOTEK CONTROLS CO., LTD...
SSR FOTEK-SSR Datasheet
1Mb / 6P
SOLID STATE RELAY
SSR FOTEK-SSR Datasheet
2Mb / 5P
Solid State Module
SSR-05DD FOTEK-SSR-05DD Datasheet
1Mb / 5P
Single phase DC to DC Soild State Module
logo
List of Unclassifed Man...
SSR-10028ZA2 ETC-SSR-10028ZA2 Datasheet
3Mb / 4P
Semiconductor Device Solid state relays
More results

Similar Description - SSR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM02B-SRSS-TB ETC1-BM02B-SRSS-TB Datasheet
71Kb / 3P
Disconnectable Insulation displacement connectors
06HR-6S-P-N ETC2-06HR-6S-P-N Datasheet
166Kb / 2P
2.5mm pitch/Disconnectable Insulation displacement connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
0.8mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com