Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMW3389DM Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # PMW3389DM
Description  Optical Gaming Navigation Chip
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3389DM Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button PMW3389DM Datasheet HTML 12Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 13Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 14Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 15Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 16Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 17Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 18Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 19Page - Pixart Imaging Inc. PMW3389DM Datasheet HTML 20Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Version 1.01 | 03 Jan 2019 | 11020AENW
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PixArt Imaging Inc.
PMW3389DM Product Datasheet
Optical Gaming Navigation Chip
4.5 DC Electrical Specifications
Table 6. DC Electrical Specifications
Chip electrical characteristics over recommended operating conditions. Typical values at 25°C, VDD = 1.9V, VDDIO = 1.9V, and
with LED current at 26mA.
Parameter
Symbol
Min
Typ.
Max
Units
Notes
DC Supply Current
IDDRUN
IDDREST1
IDDREST2
IDDREST3
21.0
3.1
0.06
0.03
mA
IDDRUN : Average current consumption,
including LED current with 1ms polling
Shutdown Current
IPD
10.0
µA
Input Low Voltage
VIL
0.3*VDDIO
V
SCLK, MOSI, NCS
Input High Voltage
VIH
0.7*VDDIO
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
100
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
±1
±10
µA
Vin=VDDIO or 0V, SCLK, MOSI, NCS
Output Low Voltage
VOL
0.45
V
Iout=1mA, MISO, MOTION, GPOre
Output High Voltage
VOH
VDDIO -
0.45
V
Iout=-1mA, MISO, MOTION, GPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com