Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1963 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
Solomon Systech
Jan 2010
P 46/93
Rev 1.1
SSD1963
9.34 get_lcd_mode
Command
0xB1
Parameters
7
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
0
1
1
0
0
0
1
B1
Parameter 1
1
0
0
A5
A4
A3
A2
A1
A0
xx
Parameter 2
1
0
B6
B5
0
0
0
0
0
xx
Parameter 3
1
0
0
0
0
0
HDP10
HDP9
HDP8
xx
Parameter 4
1
HDP7
HDP6
HDP5
HDP4
HDP3
HDP2
HDP1
HDP0
xx
Parameter 5
1
0
0
0
0
0
VDP10
VDP9
VDP8
xx
Parameter 6
1
VDP7
VDP6
VDP5
VDP4
VDP3
VDP2
VDP1
VDP0
xx
Parameter 7
1
0
0
G5
G4
G3
G2
G1
G0
xx
Description
Get the current LCD panel mode and resolution
A[5] : TFT panel data width(POR = 0)
0
18-bit
1
24-bit
A[4] : TFT color depth enhancement enable(POR = 0)
0
Disable FRC or dithering
1
Enable FRC or dithering for color depth enhancement
If the panel data width was set to 24-bit, FRC and dithering feature will be disabled automatic regardless the value of this
register.
A[3] : TFT FRC enable (POR = 0)
0
TFT dithering enable
1
TFT FRC enable
A[2] : LSHIFT polarity (POR = 0)
The dot clock pulse polarity.
0
Data latch in falling edge
1
Data latch in rising edge
A[1] : LLINE polarity (POR = 0)
The horizontal sync pulse polarity.
0
Active low
1
Active high
A[0] : LFRAME polarity (POR = 0)
The vertical sync pulse polarity.
0
Active low
1
Active high
B[6:5] : TFT type(POR = 01)
00, 01
TFT mode
10
Serial RGB mode
11
Serial RGB+dummy mode
HDP[10:8] : High byte of the horizontal panel size (POR = 010)
HDP[7:0] : Low byte of the horizontal panel size (POR = 01111111)
VDP[10:8] : High byte of the vertical panel size (POR = 001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com