Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157A Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32MP157A
Description  Arm® dual Cortex®-A7 650 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157A Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32MP157A Datasheet HTML 40Page - STMicroelectronics STM32MP157A Datasheet HTML 41Page - STMicroelectronics STM32MP157A Datasheet HTML 42Page - STMicroelectronics STM32MP157A Datasheet HTML 43Page - STMicroelectronics STM32MP157A Datasheet HTML 44Page - STMicroelectronics STM32MP157A Datasheet HTML 45Page - STMicroelectronics STM32MP157A Datasheet HTML 46Page - STMicroelectronics STM32MP157A Datasheet HTML 47Page - STMicroelectronics STM32MP157A Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 258 page
background image
Functional overview
STM32MP157A
44/258
DS12504 Rev 2
3.31
Display serial interface (DSI)
The display serial interface (DSI) is part of a group of communication protocols defined by
the MIPI® Alliance. The MIPI® DSI host controller is a digital core that implements all
protocol functions defined in the MIPI® DSI specification.
It provides an interface between the system and the MIPI® D-PHY, allowing the
communication with a DSI-compliant display.
•
Compliant with MIPI® Alliance standards
•
Interface with MIPI® D-PHY
•
Supports all commands defined in the MIPI® Alliance specification for DCS
•
Supports up to two D-PHY data lanes at 1 Gbps
•
Bidirectional communication and escape mode support through data lane 0
•
Supports non-continuous clock in D-PHY clock lane for additional power saving
•
Supports ultra-low-power mode with PLL disabled
•
ECC and checksum capabilities
•
Support for end of transmission packet (EoTp)
•
Fault recovery schemes
•
Configurable selection of system interfaces:
–
AMBA APB for control and optional support for generic and DCS commands
–
Video mode interface through LTDC
–
Adapted command mode interface through LTDC
–
Independently programmable virtual channel ID in video mode, adapted command
mode and APB slave
•
Video mode interfaces features:
–
LTDC interface color coding mappings into 16, 18 and 24-bit interface
–
Programmable polarity of all LTDC interface signals
–
Maximum resolution is limited by available DSI physical link bandwidth
•
Adapted interface features:
–
Support for sending large amounts of data through the memory_write_start (WMS)
and memory_write_continue (WMC) DCS commands
–
LTDC interface color coding mappings into 16, 18 and 24-bit interface
•
Video mode pattern generator
3.32
True random number generator (RNG1, RNG2)
All the devices embed two RNG that deliver 32-bit random numbers generated by an
integrated analog circuit.
RNG1 can be defined (in ETZPC) as accessible by secure software only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com