Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157A Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32MP157A
Description  Arm® dual Cortex®-A7 650 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157A Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32MP157A Datasheet HTML 133Page - STMicroelectronics STM32MP157A Datasheet HTML 134Page - STMicroelectronics STM32MP157A Datasheet HTML 135Page - STMicroelectronics STM32MP157A Datasheet HTML 136Page - STMicroelectronics STM32MP157A Datasheet HTML 137Page - STMicroelectronics STM32MP157A Datasheet HTML 138Page - STMicroelectronics STM32MP157A Datasheet HTML 139Page - STMicroelectronics STM32MP157A Datasheet HTML 140Page - STMicroelectronics STM32MP157A Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 258 page
background image
Table 21. Current consumption (IDDCORE) in Run mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
MPU SS
mode
MCU
SS
mode
Oscillator
MPU
clk
(MHz)
MCU
clk
(MHz)
Tj =
25 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDDCORE
Supply
current in
Run mode
All peripherals
enabled
CRun
(P0Run,
P1Run)
CRun
HSE+HSI+LSI+PLL
648
209
400
560
-
-
1500
mA
600
385
545
-
-
-
400
340
490
-
-
-
IDDCORE
Supply
current in
Run mode
All peripherals
enabled
CRun
(P0Run,
P1Run)
CStop
HSE+HSI+LSI+PLL
648
209
385
550
-
-
-
mA
600
375
535
-
-
-
400
325
475
-
-
-
IDDCORE
Supply
current in
Run mode
All peripherals
disabled
CRun
(P0Run,
P1Run)
CStop
HSE+HSI+LSI+PLL
648
209
245
365
-
-
-
mA
600
240
355
-
-
-
400
190
295
-
-
-
IDDCORE
Supply
current in
Run mode
All peripherals
disabled
CRun
(P0Run,
P1Stop)
CStop
HSE+HSI+PLL
648
-
180
285
-
-
-
mA
HSE+HSI+PLL
600
-
175
280
-
-
-
HSE+HSI+PLL
300
-
135
230
-
-
-
HSE+HSI+PLL
150
-
92
175
-
-
-
HSE+HSI+PLL
64
-
65
140
-
-
-
HSE+HSI+PLL
24
-
51
125
-
-
-
HSE+HSI
24
-
35.5
105
-
-
-
HSI+PLL
64
-
65
140
-
-
-
HSI+PLL
24
-
51
120
-
-
-
HSI
64
-
49
120
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com