Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157A Datasheet(PDF) 236 Page - STMicroelectronics

Part # STM32MP157A
Description  Arm® dual Cortex®-A7 650 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157A Datasheet(HTML) 236 Page - STMicroelectronics

Back Button STM32MP157A Datasheet HTML 232Page - STMicroelectronics STM32MP157A Datasheet HTML 233Page - STMicroelectronics STM32MP157A Datasheet HTML 234Page - STMicroelectronics STM32MP157A Datasheet HTML 235Page - STMicroelectronics STM32MP157A Datasheet HTML 236Page - STMicroelectronics STM32MP157A Datasheet HTML 237Page - STMicroelectronics STM32MP157A Datasheet HTML 238Page - STMicroelectronics STM32MP157A Datasheet HTML 239Page - STMicroelectronics STM32MP157A Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 258 page
background image
Electrical characteristics
STM32MP157A
236/258
DS12504 Rev 2
6.3.39
DSI PHY characteristics
IDDA1V8_REG(PHY)
High-Speed TX(2)
One USB port
-
25.5
-
mA
Two USB ports
-
50.5
-
High-Speed RX(3) / Idle
One USB port
-
2.5
-
Two USB ports
-
5.5
-
Ful-Speed and Low-Speed mode (Suspend, TX or RX)
-
0
-
IDDA3V3_USBHS(PHY)
High-Speed TX(2)
One USB port
-
5
-
mA
Two USB ports
-
7
-
High-Speed RX(3) / Idle
One USB port
-
6
-
Two USB ports
-
10
-
Full-Speed Suspend (host mode)
One USB port
-
0
-
Two USB ports
-
0
-
Full-Speed Suspend (peripheral mode)
One USB port
-
0.2
-
Two USB ports
-
0.4
-
Full-Speed TX(2)
One USB port
-
6.5
-
Two USB ports
-
10.5
-
Full-Speed RX(3)
One USB port
-
6.5
-
Two USB ports
-
11.5
-
Low-Speed TX(2)
One USB port
-
7
-
Two USB ports
-
11.5
-
Low-Speed RX(3)
One USB port
-
4.3
-
Two USB ports
-
6.1
-
1. Guaranteed by design unless otherwise specified.
2. USB link 100% of the time in transmission
3. USB link 100% of the time in reception
Table 113. USB High-Speed PHY characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ Max Unit
Table 114. DSI PHY characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDDA1V2_DSI_PHY(PH
Y)
Power down
-
-
185
-
µA
High-Speed TX
2 lanes in High-Speed mode
-
17.35
-
mA
LPDT transmit
All data lanes in LPDT mode
-
3.35
-
LPDT receive
All data lanes in LPDT mode
-
0.8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com