Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157C Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32MP157C
Description  Arm® dual Cortex®-A7 650 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157C Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32MP157C Datasheet HTML 78Page - STMicroelectronics STM32MP157C Datasheet HTML 79Page - STMicroelectronics STM32MP157C Datasheet HTML 80Page - STMicroelectronics STM32MP157C Datasheet HTML 81Page - STMicroelectronics STM32MP157C Datasheet HTML 82Page - STMicroelectronics STM32MP157C Datasheet HTML 83Page - STMicroelectronics STM32MP157C Datasheet HTML 84Page - STMicroelectronics STM32MP157C Datasheet HTML 85Page - STMicroelectronics STM32MP157C Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 258 page
background image
Pinouts, pin description and alternate functions
STM32MP157C
82/258
DS12505 Rev 2
-
K9
1C7
M14
VSS
S
-
-
-
-
J19 K17
N20
M22
DDR_CASN
O
DDR
-
-
-
1F6 K11
-
N9
VSS
S
-
-
-
-
J18
J17
M20
M21
DDR_WEN
O
DDR
-
-
-
-
K14
-
M17
VDDQ_DDR
S
-
-
-
-
1E9 L18
N21
M20
DDR_RASN
O
DDR
-
-
-
L17 L19
N22
N20
DDR_CLKP
O
DDR
-
-
-
-
K13
1C9
-
VSS
S
-
-
-
-
K18 K19
N23
N21
DDR_CLKN
O
DDR
-
-
-
1F9
-
1E8
N16
VDDQ_DDR
S
-
-
-
-
1D8 K18
K20
L22
DDR_DTO0
O
DDR
-
-
-
1C8 J19
L21
K21
DDR_DTO1
O
DDR
-
-
-
L18 L16
P20
M19
DDR_A15
O
DDR
-
-
-
1H6
-
1D2
N11
VSS
S
-
-
-
-
1E6
-
-
-
VDDCORE
S
-
-
-
-
-
K15
-
N13
VSS
S
-
-
-
-
J17
J18
M22
L18
DDR_CSN
O
DDR
-
-
-
H18 H19
L22
L21
DDR_ODT
O
DDR
-
-
-
H17 J16
M21
K18
DDR_BA2
O
DDR
-
-
-
1C7
L6
1D4
N17
VSS
S
-
-
-
-
G18 H18
L20
K19
DDR_A0
O
DDR
-
-
-
-
L15
-
P17
VDDQ_DDR
S
-
-
-
-
G19 G19
L23
K20
DDR_BA0
O
DDR
-
-
-
E17 F17
F20
G18
DDR_A13
O
DDR
-
-
-
-
L8
-
P3
VSS
S
-
-
-
-
F17 G18
J20
J18
DDR_A2
O
DDR
-
-
-
1E7 L10
1D6
P7
VSS
S
-
-
-
-
F19 F19
K22
J19
DDR_A3
O
DDR
-
-
-
-
-
1F9
-
VDDQ_DDR
S
-
-
-
-
C16 G16
D20
F19
DDR_
RESETN
ODDR
-
-
-
-
M14
-
R16
VDDQ_DDR
S
-
-
-
-
Table 7. STM32MP157C pin and ball definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com