Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP157C Datasheet(PDF) 257 Page - STMicroelectronics

Part # STM32MP157C
Description  Arm® dual Cortex®-A7 650 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157C Datasheet(HTML) 257 Page - STMicroelectronics

Back Button STM32MP157C Datasheet HTML 250Page - STMicroelectronics STM32MP157C Datasheet HTML 251Page - STMicroelectronics STM32MP157C Datasheet HTML 252Page - STMicroelectronics STM32MP157C Datasheet HTML 253Page - STMicroelectronics STM32MP157C Datasheet HTML 254Page - STMicroelectronics STM32MP157C Datasheet HTML 255Page - STMicroelectronics STM32MP157C Datasheet HTML 256Page - STMicroelectronics STM32MP157C Datasheet HTML 257Page - STMicroelectronics STM32MP157C Datasheet HTML 258Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 257 / 258 page
background image
DS12505 Rev 2
257/258
STM32MP157C
Revision history
257
01-Aug-2019
2
(continued)
Updated Figure 20: Typical application with a
32.768 kHz crystal.
Updated Table 36: HSI oscillator characteristics.
Updated Table 37: CSI oscillator characteristics.
Updated Table 38: LSI oscillator characteristics.
Updated Table 39: PLL1_1600, PLL2_1600
characteristics.
Updated Table 36: HSI oscillator characteristics.
Updated Table 37: CSI oscillator characteristics.
Updated Table 38: LSI oscillator characteristics.
Updated Table 39: PLL1_1600, PLL2_1600
characteristics.
Updated Table 40: PLL3_800, PLL4_800
characteristics.
Updated Table 41: USB_PLL characteristics.
Updated Table 42: DSI_PLL characteristics.
Updated Table 48: EMI characteristics.
Updated Table 49: ESD absolute maximum ratings.
Updated Section : Static latchup
Updated Table 51: I/O current injection susceptibility.
Updated Table 52: I/O static characteristics.
Updated Table 53: Output voltage characteristics for all
I/Os except PC13, PC14, PC15 and PI8.
Added Table 54: Output voltage characteristics for
PC13, PC14, PC15 and PI8.
Updated Table 55: Output timing characteristics (HSLV
OFF).
Added Figure 23: VIL/VIH for FT I/Os.
Updated Table 76: ADC characteristics.
Updated Table 77: Minimum sampling time versus RAIN
with 47 pF PCB capacitor up to 125 °C and VDDA =
1.6 V.
Updated Table 80: DAC characteristics.
Updated Table 85: DTS characteristics.
Updated Table 86: VBAT ADC monitoring characteristics.
Updated Table 88: Temperature and VBAT monitoring
characteristics for temper detection.
Added Section 6.3.31: Compensation cell.
Updated Table 98: I2C analog filter characteristics.
Added Section 6.3.38: USB High-Speed PHY
characteristics.
Added Section 6.3.39: DSI PHY characteristics.
Added Section 7.5: Thermal characteristics.
Table 127. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com