Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500QTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STUSB4500QTR
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500QTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STUSB4500QTR Datasheet HTML 28Page - STMicroelectronics STUSB4500QTR Datasheet HTML 29Page - STMicroelectronics STUSB4500QTR Datasheet HTML 30Page - STMicroelectronics STUSB4500QTR Datasheet HTML 31Page - STMicroelectronics STUSB4500QTR Datasheet HTML 32Page - STMicroelectronics STUSB4500QTR Datasheet HTML 33Page - STMicroelectronics STUSB4500QTR Datasheet HTML 34Page - STMicroelectronics STUSB4500QTR Datasheet HTML 35Page - STMicroelectronics STUSB4500QTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Table 24. WLCSP (2.6x2.6x0.5) package mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.456
0.50
0.544
A1
0.179
195
0.211
A2
0.255
0.28
0.305
A3
0.022
0.025
0.028
E
2.563
2.593
2.623
D
2.563
2.593
2.623
E1
1.6 BSC
D1
1.6 BSC
e
0.4 BSC
b
0.245
0.295
n
25
Tolerance of form and position
aaa
0.03
bbb
0.06
ccc
0.05
ddd
0.015
Note:
WLCSP stands for wafer level chip scale package. The typical ball diameter before mounting is 0.25 mm. The
terminal A1 corner must be identified on the top surface by using a laser marking dot.
Figure 12. WLCSP (2.6x2.6x0.5) recommended footprint
STUSB4500
WLCSP (2.6x2.6x0.5) 25 bumps package information
DS12499 - Rev 2
page 32/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com