Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEML6035 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VEML6035
Description  Low Power, High Sensitivity, I2C Ambient Light Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEML6035 Datasheet(HTML) 2 Page - Vishay Siliconix

  VEML6035 Datasheet HTML 1Page - Vishay Siliconix VEML6035 Datasheet HTML 2Page - Vishay Siliconix VEML6035 Datasheet HTML 3Page - Vishay Siliconix VEML6035 Datasheet HTML 4Page - Vishay Siliconix VEML6035 Datasheet HTML 5Page - Vishay Siliconix VEML6035 Datasheet HTML 6Page - Vishay Siliconix VEML6035 Datasheet HTML 7Page - Vishay Siliconix VEML6035 Datasheet HTML 8Page - Vishay Siliconix VEML6035 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VEML6035
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 12-Mar-2019
2
Document Number: 84889
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Light source: white LED
(2) Light conditions: dark
(3) The part has a typical zero offset of 10 counts at the set max. resolution of 0.0004lx/step, so the first valid measurement will be at an
illuminance of 0.004lx (typ.)
(4) The dark offset can be above or below 0
CIRCUIT BLOCK DIAGRAM
Fig. 1 - Block Diagram
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
04
V
Operation temperature range
Tamb
-25
+85
°C
Storage temperature range
Tstg
-25
+85
°C
Total power dissipation
Tamb
≤ 25 °C
Ptot
-50
mW
Junction temperature
Tj
-85
°C
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDD
1.7
1.8
3.6
V
Shut down current (2)
VDD = 1.8 V
Isd
-0.5
-
μA
Operation mode current (1)
VDD = 1.8 V, CHANNEL_EN = 0 (ALS only)
IDD
-170
-
μA
VDD = 1.8 V, CHANNEL_EN = 1
(ALS and WHITE)
IDD
-225
-
μA
I2C clock rate range
fSCL
10
-
400
kHz
I2C bus input H-level range
VDD = 1.8 V
Vih
1.2
-
VDD
V
I2C bus input L-level range
VDD = 1.8 V
Vil
0-
0.4
V
Output low voltage SDA
3 mA sink current
Vol
0-
0.4
V
Digital resolution (LSB count)
With GAIN = 1, DG = 1, SENS = 0
-
0.0004
-
lx/step
Detectable minimum illuminance (3)
With GAIN = 1, DG = 1, SENS = 0
EV min.
-
0.004
-
lx
Detectable maximum illuminance
With GAIN = 0, DG = 0, SENS = 1
EV max.
-
6710
-
lx
Dark offset (4)
With GAIN = 1, DG = 1, SENS = 0
-
-
5
step
V
DD
GND
SCL
INT
SDA
Temperature
compensation
Low pass filter
Timing
controller
Oscillator
Output
buffer
with
I
2C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com