Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2812B Datasheet(PDF) 2 Page - WORLDSEMI CO., LIMITED

Part # WS2812B
Description  Intelligent control LED integrated light source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WORLDSEMI [WORLDSEMI CO., LIMITED]
Direct Link  http://www.world-semi.com/
Logo WORLDSEMI - WORLDSEMI CO., LIMITED

WS2812B Datasheet(HTML) 2 Page - WORLDSEMI CO., LIMITED

  WS2812B Datasheet HTML 1Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 2Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 3Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 4Page - WORLDSEMI CO., LIMITED WS2812B Datasheet HTML 5Page - WORLDSEMI CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WS2812B
Intelligent control LED
integrated light source
Mechanical Dimensions
PIN configuration
PIN function
NO.
Symbol
Function description
1
VDD
Power supply LED
2
DOUT
Control data signal output
3
VSS
Ground
4
DIN
Control data signal input
Absolute Maximum Ratings
Prameter
Symbol
Ratings
Unit
Power supply voltage
VDD
+3.5~+5.3
V
Input voltage
VI
-0.5~VDD+0.5
V
Operation junction
temperature
Topt
-25~+80
℃
Storage temperature range
Tstg
-40~+105
℃
Electrical Characteristics(TA=-20~+70℃,VDD=4.5~5.5V,VSS=0V,unless otherwise specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com