Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLB8C7 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLLB8C7
Description  Cylindrical High-Intensity LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLLB8C7 Datasheet(HTML) 1 Page - TT Electronics.

  OVLLB8C7 Datasheet HTML 1Page - TT Electronics. OVLLB8C7 Datasheet HTML 2Page - TT Electronics. OVLLB8C7 Datasheet HTML 3Page - TT Electronics. OVLLB8C7 Datasheet HTML 4Page - TT Electronics. OVLLB8C7 Datasheet HTML 5Page - TT Electronics. OVLLB8C7 Datasheet HTML 6Page - TT Electronics. OVLLB8C7 Datasheet HTML 7Page - TT Electronics. OVLLB8C7 Datasheet HTML 8Page - TT Electronics. OVLLB8C7 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Issue C
06/2012
Page 1 of 9
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Cylindrical High-Intensity LED
(5 mm)
OVLLx8C7
•
Wide viewing angle
•
High-brightness indicator
•
Industry standard lead spacing
•
Unique lens shape for flexible applications
The OVLLx8C7 series is designed for superior performance in signage and lighting applications that require wide-
angle uniform light output. These devices combine a high-intensity LED with a unique flat-topped T-1¾ package to
provide both high brightness and a wide spatial radiation pattern.
Applications
•
Channel letter and other signage backlighting
•
Decorative architectural indoor and outdoor lighting accents
•
Industrial and consumer indicators
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
InGaN
Blue
Clear
OVLLB8C7
440
OVLLG8C7
InGaN
Green
2400
Clear
OVLLR8C7
AllnGaP
Red
900
Clear
OVLLY8C7
AllnGaP
Yellow
980
Clear
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS


Similar Part No. - OVLLB8C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLLB8C7 OPTEK-OVLLB8C7 Datasheet
589Kb / 4P
Cylindrical High-Intensity Blue LED(5 mm)
10/05
logo
TT Electronics.
OVLLB8C7 TTELEC-OVLLB8C7 Datasheet
723Kb / 8P
Cylindrical High-Intensity LED (5 mm)
11/2016
More results

Similar Description - OVLLB8C7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMD3101 VISHAY-TLMD3101 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
High Intensity SMD LED High Intensity SMD LED
04-Feb-99
TLME3105 VISHAY-TLME3105 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
83143 VISHAY-83143 Datasheet
165Kb / 6P
High Intensity SMD LED
31-Aug-04
logo
OPTEK Technologies
OVLLB8C7 OPTEK-OVLLB8C7 Datasheet
589Kb / 4P
Cylindrical High-Intensity Blue LED(5 mm)
10/05
OVLLG8C7 OPTEK-OVLLG8C7 Datasheet
576Kb / 4P
Cylindrical High-Intensity Green LED
10/05
OVLLR8C7 OPTEK-OVLLR8C7 Datasheet
577Kb / 4P
Cylindrical High-Intensity Red LED (5 mm)
10/05
OVLLY8C7 OPTEK-OVLLY8C7 Datasheet
569Kb / 4P
Cylindrical High-Intensity Yellow LED
10/05
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
White High-Intensity LED Lamp White High-Intensity LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com