Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVS3W Datasheet(PDF) 1 Page - TT Electronics.

Part # OVS3W
Description  3-Watt SMD 6x6mm White
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS3W Datasheet(HTML) 1 Page - TT Electronics.

  OVS3W Datasheet HTML 1Page - TT Electronics. OVS3W Datasheet HTML 2Page - TT Electronics. OVS3W Datasheet HTML 3Page - TT Electronics. OVS3W Datasheet HTML 4Page - TT Electronics. OVS3W Datasheet HTML 5Page - TT Electronics. OVS3W Datasheet HTML 6Page - TT Electronics. OVS3W Datasheet HTML 7Page - TT Electronics. OVS3W Datasheet HTML 8Page - TT Electronics. OVS3W Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 12/06
Page 1 of 9
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
.3-Watt SMD 6x6mm White
OVS3W Series
x
Robust energy-efficient design with long
operating life
x
Low thermal resistance
x
Exceptional spatial uniformity
x
Optional optics to suit application
The OVS3W Series features energy-efficient packaged LEDs that offer high luminance, and a long operating
lifespan. This series includes a flat-lens, ultra-low profile (1.5mm) package with a 120°viewing angle, and a
domed lens package with a 60°viewing angle, making them highly suitable for conventional lighting and
specialized applications. Optional optics are offered to suit application. Please contact OPTEK for more
information.
Applications
x
Automotive exterior and interior lighting
x
Architectural indoor and outdoor lighting
x
General lighting
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
Part Number
Viewing Angle Emitted Color Typical Luminous
Flux (lm)
Typical On-Axis
Intensity (cd)
Lens
120°
OVS3WBCR4
White
7
3.2
Water Clear/Flat
OVS3WBCR44
60°
White
7
9
Water Clear/Dome
2
CATHODE MARK
OVS3WBCR4


Similar Part No. - OVS3W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS3WBCR4 OPTEK-OVS3WBCR4 Datasheet
648Kb / 9P
3-Watt SMD 6x6mm White
OVS3WBCR44 OPTEK-OVS3WBCR44 Datasheet
648Kb / 9P
3-Watt SMD 6x6mm White
More results

Similar Description - OVS3W

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVS5R4CR44 OPTEK-OVS5R4CR44 Datasheet
522Kb / 7P
5-Watt SMD 6x6mm 40째 Viewing Angle
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
OVS3WBCR4 OPTEK-OVS3WBCR4 Datasheet
648Kb / 9P
3-Watt SMD 6x6mm White
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
WS-TASV 6x6mm Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
WS-TASV 6x6mm washable Tact Switch, SMD version
logo
TT Electronics.
OVS5X4CR44 TTELEC-OVS5X4CR44 Datasheet
524Kb / 7P
5-Watt SMD 6x6mm
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
1-Watt SMD 6x6mm With Dome Lens
OVSPW7CR8 TTELEC-OVSPW7CR8 Datasheet
850Kb / 6P
1-Watt SMD White LED Lamp (7mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com