Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC50 Datasheet(PDF) 1 Page - TT Electronics.

Part # PAC50
Description  Electronic pressure switch for pneumatic applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PAC50 Datasheet(HTML) 1 Page - TT Electronics.

  PAC50 Datasheet HTML 1Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electronic Pressure Switch
PAC50
© TT electronics plc
Issue A
07/2018 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
For improved monitoring of air pressure, the PAC50 electronic pressure switch offers more at a glance – the large bi-color
display allows you to identify from a distance if the pressure falls within the target range. Three large function keys and
intuitive menu navigation make operating the PAC50 easy.
What makes the PAC50 so special? It offers up to two digital switching outputs and an optional analog output in just one
device. The output signals can be easily adjusted to the available control system. Thanks to the optional IO-Link, the
controller or PLC can quickly and accurately pass the device parameters to the sensor when changing the format or
replacing the sensor, which significantly reduces downtime.
The PAC50 is ideal for use in industrial environments due to its waterproof housing with an IP 65/IP 67 enclosure rating.
Applications:
Compressed-air monitoring and measurement in machines and systems
Pressure measurement in air and in dry, non-corrosive gases
Pressure measurement on compressed-air maintenance units
Vacuum monitoring in handling and robotics applications
Features:
Electronic pressure switch for pneumatic applications
Three large function keys and intuitive menu navigation
Measuring range from gauge pressure (vacuum and overpressure)
Individually programmable switching outputs and optional analog
output
Installation on a mounting rail, wall or in a control panel
Device type
Pressure switch
Measuring ranges
Gauge pressure
–1 bar ... 0 bar, –1 bar ... +1 bar, 0 bar ... +6 bar, 0 bar ... +10 bar, –1 bar ... 10
bar
Pressure unit
Bar, MPa, psi and kg/cm
2
Accuracy
≤ ± 1.5 % of the span
Setting accuracy of switching outputs
≤ ± 2.0 % of span
Output signal
Configurable switching outputs PNP, NPN or push-pull analog output signal
plus optional IO-Link
Electrical connection
Round connector M12 x 1
Technical Data Overview


Similar Part No. - PAC50

ManufacturerPart #DatasheetDescription
logo
SICK AG
PAC50-ACA SICK-PAC50-ACA Datasheet
562Kb / 6P
PRESSURE SENSORS
PAC50-ACB SICK-PAC50-ACB Datasheet
562Kb / 6P
PRESSURE SENSORS
PAC50-ACC SICK-PAC50-ACC Datasheet
563Kb / 6P
PRESSURE SENSORS
PAC50-ACD SICK-PAC50-ACD Datasheet
682Kb / 6P
PRESSURE SENSORS
PAC50-AGA SICK-PAC50-AGA Datasheet
563Kb / 6P
PRESSURE SENSORS
More results

Similar Description - PAC50

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7019 SANYO-LA7019 Datasheet
132Kb / 3P
ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS
LA7018 SANYO-LA7018 Datasheet
129Kb / 3P
Electronic Switch for Use in VTR Applications
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
Pressure transmitters for oxygen applications
VSOEPS10-50-15 SENSORTECHNICS-VSOEPS10-50-15 Datasheet
98Kb / 4P
Electronic pressure controllers
logo
Ralston Instruments.
DPPV RALSTON-DPPV Datasheet
363Kb / 1P
Pneumatic Pressure / Vacuum Hand Pumps
logo
List of Unclassifed Man...
PS1000-R06L ETC2-PS1000-R06L Datasheet
138Kb / 2P
Electronic Pressure Switch
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
ELECTRONIC PRESSURE SWITCH
PS91 COPAL-PS91 Datasheet
1Mb / 3P
Electronic pressure switch
logo
Greystone Energy System...
ETP GREYSTONE-ETP Datasheet
243Kb / 1P
ELECTRONIC TO PNEUMATIC TRANSDUCER
03/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com