Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5941PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5941PWPR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5941PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5941PWPR Datasheet HTML 9Page - Texas Instruments TLC5941PWPR Datasheet HTML 10Page - Texas Instruments TLC5941PWPR Datasheet HTML 11Page - Texas Instruments TLC5941PWPR Datasheet HTML 12Page - Texas Instruments TLC5941PWPR Datasheet HTML 13Page - Texas Instruments TLC5941PWPR Datasheet HTML 14Page - Texas Instruments TLC5941PWPR Datasheet HTML 15Page - Texas Instruments TLC5941PWPR Datasheet HTML 16Page - Texas Instruments TLC5941PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.ti.com
POWER DISSIPATION CALCULATION
P
D +
V
CC
I
CC )
V
OUT
I
MAX
N
DCn
63
d
PWM
(2)
OPERATING MODES
SETTING DOT CORRECTION
I
OUTn +
Imax
DCn
63
(3)
TLC5941
SLVS589 – JULY 2005
The device power dissipation needs to be below the power dissipation rate of the device package to ensure
correct operation. Equation 2 calculates the power dissipation of device:
where:
VCC: device supply voltage
ICC: device supply current
VOUT: TLC5941 OUTn voltage when driving LED current
IMAX: LED current adjusted by R(IREF) Resistor
DCn: maximum dot correction value for OUTn
N: number of OUTn driving LED at the same time
dPWM: duty cycle defined by BLANK pin or GS PWM value
Table 3 shows the available operating modes. The TLC5941 GS operating mode (see Figure 10) and shift
register values are not defined after power up. One solution to solve this is to set dot correction data after
TLC5941 power up and switch back to GS PWM mode. The other solution is to overflow the input shift register
with 193 bits of dummy data and latch it while TLC5941 is in GS PWM mode.
Table 3. MODE Signal Truth Table
MODE
INPUT SHIFT REGISTER
OPERATING MODE
LOW
192 bit
Grayscale PWM Mode
HIGH
96 bit
Dot Correction Data Input Mode
The TLC5941 has the capability to fine-adjust the output current of each channel (OUT0 to OUT15)
independently. This is also called dot correction. This feature is used to adjust the brightness deviations of LEDs
connected to the output channels OUT0 to OUT15. Each of the 16 channels can be programmed with a 6-bit
word. The channel output can be adjusted in 64 steps from 0% to 100% of the maximum output current Imax.
Equation 3 determines the output current for each output n:
where:
Imax = the maximum programmable output current for each output.
DCn = the programmed dot correction value for output n (DCn = 0 to 63).
n = 0 to 15
Dot correction data are entered for all channels at the same time. The complete dot correction data format
consists of 16 x 6-bit words, which forms a 96-bit wide serial data packet. The channel data is put one after
another. All data is clocked in with MSB first. Figure 7 shows the DC data format.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com