Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DTW12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIS2DTW12
Description  MEMS digital output dual motion and temperature sensor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DTW12 Datasheet(HTML) 2 Page - STMicroelectronics

  LIS2DTW12 Datasheet HTML 1Page - STMicroelectronics LIS2DTW12 Datasheet HTML 2Page - STMicroelectronics LIS2DTW12 Datasheet HTML 3Page - STMicroelectronics LIS2DTW12 Datasheet HTML 4Page - STMicroelectronics LIS2DTW12 Datasheet HTML 5Page - STMicroelectronics LIS2DTW12 Datasheet HTML 6Page - STMicroelectronics LIS2DTW12 Datasheet HTML 7Page - STMicroelectronics LIS2DTW12 Datasheet HTML 8Page - STMicroelectronics LIS2DTW12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
The LIS2DTW12 has an integrated 32-level first-in, first-out (FIFO) buffer allowing the
user to store data in order to limit intervention by the host processor.
The embedded self-test capability allows the user to check the functioning of the
sensor in the final application.
The device has a dedicated internal engine to process motion and acceleration
detection including free-fall, wakeup, highly configurable single/double-tap
recognition, activity/inactivity, stationary/motion detection, portrait/landscape
detection and 6D/4D orientation.
The LIS2DTW12 is available in a small thin plastic land grid array package (LGA)
and it is guaranteed to operate over an extended temperature range from -40 °C to
+85 °C.
LIS2DTW12
DS12825 - Rev 3
page 2/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com